Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213219479E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL213219479E3
Description  Aluminum Capacitors Axial Long Life, DIN-Based
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213219479E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL213219479E3 Datasheet HTML 1Page - Vishay Siliconix MAL213219479E3 Datasheet HTML 2Page - Vishay Siliconix MAL213219479E3 Datasheet HTML 3Page - Vishay Siliconix MAL213219479E3 Datasheet HTML 4Page - Vishay Siliconix MAL213219479E3 Datasheet HTML 5Page - Vishay Siliconix MAL213219479E3 Datasheet HTML 6Page - Vishay Siliconix MAL213219479E3 Datasheet HTML 7Page - Vishay Siliconix MAL213219479E3 Datasheet HTML 8Page - Vishay Siliconix MAL213219479E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 28366
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 18-Apr-08
217
132/133 ALL-DIN
Aluminum Capacitors
Axial Long Life, DIN-Based
Vishay BCcomponents
Note
(1) For these CV-values see data sheet 041-043 ASH.
Table 1
Note
Detailed tape dimensions see section ‘PACKAGING’.
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D X L in mm)
CR
(µF)
UR (V)
10
16
25
40
63
100
160
250
350
47
-
6.5 x 18
-
8 x 18
10 x 18
10 x 25
15 x 30 (1)
18 x 30 (1)
18 x 38 (1)
--
-
-
-
10 x 30
-
-
-
68
-
-
-
-
10 x 30
12.5 x 30
15 x 30 (1)
18 x 38 (1)
21 x 38 (1)
100
-
8 x 18
-
10 x 18
10 x 30
15 x 30
18 x 30 (1)
21 x 38 (1)
-
150
-
-
-
12.5 x 30
15 x 30
18 x 30
18 x 38 (1)
--
220
8 x 18
10 x 18
10 x 25
12.5 x 30
15 x 30
18 x 38
21 x 38 (1)
--
-
-
12.5 x 30
-
-
-
-
-
-
330
-
10 x 25
12.5 x 30
15 x 30
18 x 30
18 x 38
-
-
-
-
12.5 x 30
-
-
-
-
-
-
-
470
12.5 x 30
10 x 25
12.5 x 30
15 x 30
18 x 38
21 x 38
-
-
-
-
12.5 x 30
-
-
-
-
-
-
-
680
12.5 x 30
15 x 30
18 x 30
18 x 30
21 x 38
-
-
-
-
1000
15 x 30
15 x 30
18 x 30
18 x 38
21 x 38
-
-
-
-
1500
18 x 30
18 x 30
18 x 38
21 x 38
-
-
-
-
-
2200
18 x 30
18 x 38
21 x 38
21 x 38
-
-
-
-
-
3300
18 x 38
21 x 38
-
-
-
-
-
-
-
4700
21 x 38
21 x 38
-
-
-
-
-
-
-
DIMENSIONS IN MILLIMETERS AND AVAILABLE FORMS
73 ± 1.6
Ø D
Ø d
L
F
+
Form BR: Taped on reel
case Ø D x L = 6.5 x 18 to 15 x 30 mm
Form BA: Taped in box (ammopack)
case Ø D x L = 6.5 x 18 to 10 x 25 mm
Fig.2 Forms BA and BR
Ø D
IL
F
33 ± 1
Form AA: Axial in box
case Ø D x L = 10 x 30 to 21 x 38 mm
Fig.3 Form AA
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
AXIAL FORM AA, BA, and BR
MASS
(g)
PACKAGING QUANTITIES
Ø d
I
Ø Dmax.
Lmax.
Fmin.
FORM
AA
FORM
BA
FORM
BR
6.5 x 18
4
0.8
-
6.9
18.5
25
≈ 1.3
-
1000
1000
8 x 18
5
0.8
-
8.5
18.5
25
≈ 1.7
-
500
500
10 x 18
6
0.8
-
10.5
18.5
25
≈ 2.5
-
500
500
10 x 25
7
0.8
-
10.5
25.5
30
≈ 3.3
-
500
500
10 x 30
00
0.8
55 ± 1
10.5
30.5
35
≈ 4.8
340
-
500
12.5 x 30
01
0.8
55 ± 1
13.0
30.5
35
≈ 7.4
260
-
400
15 x 30
02
0.8
55 ± 1
15.5
30.5
35
≈ 11.7
200
-
250
18 x 30
03
0.8
55 ± 1
18.5
30.5
35
≈ 12.9
120
-
-
18 x 38
04
0.8
34 ± 1
18.5
39.5
44
≈ 19.0
125
-
-
21 x 38
05
0.8
34 ± 1
21.5
39.5
44
≈ 24.0
100
-
-


Similar Part No. - MAL213219479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213430109E3 VISHAY-MAL213430109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430229E3 VISHAY-MAL213430229E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430478E3 VISHAY-MAL213430478E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431109E3 VISHAY-MAL213431109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431338E3 VISHAY-MAL213431338E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
More results

Similar Description - MAL213219479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com