Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1548MJB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1548MJB
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1548MJB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV1548MJB Datasheet HTML 7Page - Texas Instruments TLV1548MJB Datasheet HTML 8Page - Texas Instruments TLV1548MJB Datasheet HTML 9Page - Texas Instruments TLV1548MJB Datasheet HTML 10Page - Texas Instruments TLV1548MJB Datasheet HTML 11Page - Texas Instruments TLV1548MJB Datasheet HTML 12Page - Texas Instruments TLV1548MJB Datasheet HTML 13Page - Texas Instruments TLV1548MJB Datasheet HTML 14Page - Texas Instruments TLV1548MJB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 5. Conversion Rate and Power Consumption Selection
CONVERSION TIME
AVAILABLE VCC
TYPICAL SUPPLY CURRENT, ICC
CONVERSION RATE
CONVERSION TIME,
tconv
AVAILABLE VCC
RANGE
INPUT DATA
OPERATING
POWER
DOWN
Fast conversion speed
7
µs typ
5.5 V to 3.3 V
9h
0.6 mA typ
1.5 mA max
1
µA typ
Slow conversion speed
15
µs typ
5.5 V to 2.7 V
Ah
0.4 mA typ
1 mA max
1
µA typ
programmable power-down state
The device is put into the power-down state by writing 8h to DATA IN. The power-up state is restored during
the next active access by pulling CS low. The conversion rate selected before the device is put into the
power-down state is not affected by the power-down mode. Power-down can be used to achieve even lower
power consumption. This is because the sustaining power (when not converting) is only 1.3 mA maximum and
standby power is only 1
µA maximum. (By averaging out the power consumption can be much lower than the
1 mA peak when the conversion throughput is lower.)
Power Down
CS
EOC
ICC
DATA IN
Hi-Z
Hi-Z
0
Supply Current
1
00 0
1 mA
(Typical Peak Supply)
0.3 mA
(Typical Sustaining)
0.0007 mA
(Typical Power Down
Supply)
Figure 3. Typical Supply Current During Conversion/Power Down
power up and initialization
After power up, if operating in DSP mode, CS and FS must be taken from high to low to begin an I/O cycle. EOC
is initially high, and the input data register is set to all zeroes. The content of the output data register is random,
and the first conversion result should be ignored. For initialization during operation, CS is taken high and
returned low to begin the next I/O cycle. The first conversion after the device has returned from the power-down
state can be invalid and should be disregarded.
When power is first applied to the device, the conversion rate must be programmed, and the internal Async Flag
must be taken low once. The rising edge of CS of the same cycle then takes Async Flag low.


Similar Part No. - TLV1548MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1548MJ TI-TLV1548MJ Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
More results

Similar Description - TLV1548MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1544C TI-TLV1544C Datasheet
577Kb / 37P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
TLV1548-EP TI1-TLV1548-EP Datasheet
692Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLV1548-Q1 TI1-TLV1548-Q1 Datasheet
537Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC545C TI-TLC545C Datasheet
184Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com