Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205859332E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL205859332E3
Description  Aluminum Capacitors Power Long Life Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205859332E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL205859332E3 Datasheet HTML 2Page - Vishay Siliconix MAL205859332E3 Datasheet HTML 3Page - Vishay Siliconix MAL205859332E3 Datasheet HTML 4Page - Vishay Siliconix MAL205859332E3 Datasheet HTML 5Page - Vishay Siliconix MAL205859332E3 Datasheet HTML 6Page - Vishay Siliconix MAL205859332E3 Datasheet HTML 7Page - Vishay Siliconix MAL205859332E3 Datasheet HTML 8Page - Vishay Siliconix MAL205859332E3 Datasheet HTML 9Page - Vishay Siliconix MAL205859332E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
058/059 PLL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28342
6
Revision: 18-Aug-08
CAPACITANCE (C)
385
33
22 x 25
0.32
80
29
3860
3000
58339E3
78339E3
47
22 x 30
0.41
113
40
2710
2100
58479E3
78479E3
68
22 x 35
0.53
161
56
1870
1460
38689E3
18689E3
68
25 x 30
0.52
161
56
1870
1460
58689E3
78689E3
100
30 x 30
0.72
235
81
1270
1010
58101E3
78101E3
100
25 x 40
0.72
235
81
1270
1010
48101E3
28101E3
150
30 x 40
0.99
351
119
850
675
58151E3
78151E3
150
25 x 50
0.99
351
119
850
675
48151E3
28151E3
220
35 x 40
1.31
512
173
580
465
58221E3
78221E3
220
30 x 50
1.31
512
173
580
465
48221E3
28221E3
330
35 x 50
1.75
766
258
390
320
58331E3
78331E3
400
47
22 x 30
0.30
117
42
4260
3490
56479E3
76479E3
68
22 x 35
0.38
167
58
2950
2420
36689E3
16689E3
68
25 x 30
0.41
167
58
2950
2420
56689E3
76689E3
100
30 x 30
0.55
244
84
2020
1660
56101E3
76101E3
100
25 x 40
0.55
244
84
2020
1660
46101E3
26101E3
150
30 x 35
0.68
364
124
1350
1110
36151E3
16151E3
150
25 x 50
0.78
364
124
1350
1110
46151E3
26151E3
220
35 x 40
0.94
532
180
930
760
56221E3
76221E3
220
30 x 50
0.94
532
180
930
760
46221E3
26221E3
330
35 x 50
1.25
796
260
620
510
56331E3
76331E3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 059 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(A)
IL1
1min
(µA)
IL5
5min
(µA)
ESR
100 kHz
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2059.....
2-TERM.
3-TERM.
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 250 V versions
Us = 1.15 x UR
≥ 385 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR +4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +4 µA
Inductance
Equivalent series inductance (ESL)
All case sizes
typ. 19 nH
max. 25 nH
Fig.6 Typical multiplier of capacitance as a function of
ambient temperature
0.4
T
amb (°C)
C
C
0
0.5
0.6
0.7
1.0
1.1
1
3
2
Curve 1: U
R = 63 to 100 V
Curve 2: U
R = 200 V
Curve 3: U
R ≥ 250 V and ≤ 40 V
C
0 = capacitance at 20 °C and 100 Hz
- 100
50
0
- 50
150
0.8
0.9
100
Fig.7 Typical multiplier of capacitance as a
function of frequency
Curve 1: U
R = 10 V and 16 V
Curve 2: U
R = 25 V, 35 V and 40 V
Curve 3: U
R ≥ 40 V
0.6
f (Hz)
C
C
0
0.7
0.8
0.9
1.0
1.1
1
3
2
C
0 = capacitance at 20 °C and 100 Hz
10
1
10
3
10
2
10
4


Similar Part No. - MAL205859332E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205859332E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com