Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

202D407X0075A1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 202D407X0075A1
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

202D407X0075A1 Datasheet(HTML) 5 Page - Vishay Siliconix

  202D407X0075A1 Datasheet HTML 1Page - Vishay Siliconix 202D407X0075A1 Datasheet HTML 2Page - Vishay Siliconix 202D407X0075A1 Datasheet HTML 3Page - Vishay Siliconix 202D407X0075A1 Datasheet HTML 4Page - Vishay Siliconix 202D407X0075A1 Datasheet HTML 5Page - Vishay Siliconix 202D407X0075A1 Datasheet HTML 6Page - Vishay Siliconix 202D407X0075A1 Datasheet HTML 7Page - Vishay Siliconix 202D407X0075A1 Datasheet HTML 8Page - Vishay Siliconix 202D407X0075A1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40027
108
Revision: 14-Oct-05
200D, 202D
Vishay
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX® Components
TANTAPAK® Capacitor Assemblies
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
TYPE 200D
PART NUMBER (1)
TYPE 202D
MAX. ESR
at + 25 °C
(
Ω)
MAX. IMP.
at - 55 °C
(
Ω)
MAX. RMS
RIPPLE
120 Hz (A)
75 WVDC at + 85 °C . . . 50 WVDC at + 125 °C
270.0
A1
200D277X0075A1
202D277X0075A1
0.56
8.5
0.80
330.0
A2
200D337X0075A2
202D337X0075A2
0.46
7.0
0.98
400.0
A1
200D407X0075A1
202D407X0075A1
0.26
7.5
1.18
400.0
A3
200D407X0075A3
202D407X0075A3
0.38
5.0
1.15
530.0
A2
200D537X0075A2
202D537X0075A2
0.20
5.6
1.48
480.0
D3
-
202D487X0075D3
0.42
6.8
0.96
660.0
A3
200D667X0075A3
202D667X0075A3
0.16
4.5
1.77
600.0
A4
200D607X0075A4
202D607X0075A4
0.25
3.65
1.54
660.0
A5
200D667X0075A5
202D667X0075A5
0.23
3.5
1.76
790.0
A4
200D797X0075A4
202D797X0075A4
0.13
3.7
2.13
720.0
B1
-
202D727X0075B1
0.28
4.5
1.54
110.0
A5
200D118X0075A5
202D118X0075A5
0.096
2.8
2.72
960.0
B2
-
202D967X0075B2
0.21
3.4
1.91
1200.0
B3
-
202D128X0075B3
0.17
2.7
2.29
1400.0
B4
-
202D148X0075B4
0.14
2.1
2.69
1700.0
B5
-
202D178X0075B5
0.12
1.9
3.06
1900.0
B6
-
202D198X0075B6
0.11
1.7
3.36
2200.0
B7
-
202D228X0075B7
0.095
1.5
3.78
85 WVDC at + 85 °C . . . 60 WVDC at + 125 °C
280.0
A1
200D287X0085A1
202D287X0085A1
0.33
9.2
1.04
370.0
A2
200D377X0085A2
202D377X0085A2
0.25
6.9
1.33
400.0
D3
-
202D407X0085D3
0.42
7.0
0.96
470.0
A3
200D477X0085A3
202D477X0085A3
0.20
5.5
1.58
570.0
A4
200D577X0085A4
202D577X0085A4
0.17
4.6
1.86
600.0
B1
-
202D607X0085B1
0.28
4.7
1.54
750.0
A5
200D757X0085A5
202D757X0085A5
0.13
3.4
2.34
85 WVDC at + 85 °C . . . 60 WVDC at + 125 °C
800.0
B2
-
202D807X0085B2
0.21
3.5
1.91
1000.0
B3
-
202D108X0085B3
0.17
2.8
2.29
1200.0
B4
-
202D128X0085B4
0.14
2.4
2.69
1400.0
B5
-
202D148X0085B5
0.12
2.0
3.06
1600.0
B6
-
202D168X0085B6
0.11
1.8
3.36
1800.0
B7
-
202D188X0085B7
0.095
1.6
3.78
Note
(1) The Part Numbers listed are for ± 20 % tolerance. To specify ± 10 % tolerance, change the digit following “X” from “0” to “9”. For
requirements or ratings other than those listed, please contact a Vishay representative.


Similar Part No. - 202D407X0075A1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202D407X0075A1 VISHAY-202D407X0075A1 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results

Similar Description - 202D407X0075A1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com