Electronic Components Datasheet Search |
|
MAL250074222E3 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
MAL250074222E3 Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 5 page Document Number: 28390 For technical questions, contact: aluminumcaps2@vishay.com www.vishay.com Revision: 31-Oct-08 167 500 PGP-ST Aluminum Capacitors Power General Purpose Screw Terminals Vishay BCcomponents Table 3 Table 4 Table 5 ADDITIONAL ELECTRICAL DATA PARAMETER CONDITIONS VALUE Voltage Surge voltage ≥ 400 V versions Us = 1.1 x UR Reverse voltage Urev ≤ 1 V Current Leakage current After 1 minute at UR IL1 ≤ 0.006 CR xUR + 4 µA After 5 minutes at UR IL5 ≤ 0.002 CR x UR + 4 µA Inductance Equivalent series inductance (ESL) Case Ø D = 50 mm typ. 16 nH Case Ø D = 65 mm typ. 19 nH Case Ø D = 76 mm typ. 20 nH Case Ø D = 90 mm typ. 20 nH MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY FREQUENCY (Hz) IR MULTIPLIER 500 60 0.70 100 0.95 120 1.00 500 1.20 1000 1.30 ≥ 10 000 1.40 MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF TEMPERATURE TEMPERATURE (°C) IR MULTIPLIER 40 2.7 60 2.0 70 1.7 85 1.0 TEST PROCEDURES AND REQUIREMENTS TEST PROCEDURE (quick reference) REQUIREMENTS NAME OF TEST REFERENCE Endurance IEC 60384-4/ EN130300 subclause 4.13 Tamb =85 °C; UR applied; 2000 hours ΔC/C: ± 10 % ESR ≤ 1.3 x spec. limit Z ≤ 2 x spec. limit IL5 ≤ spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 85 °C; UR and IR applied; 2000 hours ΔC/C: ± 30 % ESR ≤ 3 x spec. limit Z ≤ 3 x spec. limit IL5 ≤ spec. limit no short or open circuit, no visible damage total failure percentage: ≤ 3% Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 °C; no voltage applied; 500 hours After test: UR to be applied for 30 minutes, 24 to 48 hours before measurement ΔC/C: ± 10 % ESR ≤ 1.2 x spec. limit IL5 ≤ 2 x spec. limit |
Similar Part No. - MAL250074222E3 |
|
Similar Description - MAL250074222E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |