Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL205879102E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL205879102E3
Description  Aluminum Capacitors Power Long Life Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205879102E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL205879102E3 Datasheet HTML 1Page - Vishay Siliconix MAL205879102E3 Datasheet HTML 2Page - Vishay Siliconix MAL205879102E3 Datasheet HTML 3Page - Vishay Siliconix MAL205879102E3 Datasheet HTML 4Page - Vishay Siliconix MAL205879102E3 Datasheet HTML 5Page - Vishay Siliconix MAL205879102E3 Datasheet HTML 6Page - Vishay Siliconix MAL205879102E3 Datasheet HTML 7Page - Vishay Siliconix MAL205879102E3 Datasheet HTML 8Page - Vishay Siliconix MAL205879102E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 28342
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
1
Aluminum Capacitors
Power Long Life Snap-In
058/059 PLL-SI
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, minimized dimensions, cylindrical
aluminum case, insulated with a blue sleeve
• Very long useful life: up to 10 000 hours at 105 °C
• Extended temperature range: 105 °C
• Low ESR, high ripple current capability
• Keyed polarity version available
APPLICATIONS
• Computer, telecommunication and industrial systems
• Smoothing and filtering applications
• Standard and switched mode power supplies
Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance code on rated capacitance, code letter in
accordance with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• ‘−’ sign to identify the negative terminal, visible from the top
and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
058
059
Nominal case sizes
(Ø D x L in mm)
22 x 25 to 35 x 50
Rated capacitance range
(E6 series), CR
33 to 47 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
10 to 100 V
200 to 400 V
Category temperature range
- 40 to + 105 °C - 25 to 105 °C
Endurance test at 105 °C
≤ 50 V: 2000 hours;
≥ 63 V: 5000 hours
Useful life at 105
°C
≤ 50 V: 5000 hours;
≥ 63 V: 10 000 hours
Useful life at 40 °C,
1.9 x IR applied
≤ 50 V: 125 000 hours;
≥ 63 V: 250 000 hours
Shelf life at 0 V, 105 °C
500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
25/105/56
85 °C
159 PUL-SI
smaller
dimensions
058/059
PLL-SI
056/057
PSM-SI
Fig.1 Component outlines
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 058 SERIES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
40
50
63
100
330
-
---
--
22 x 25
470
-
---
--
22 x 30
680
-
-
-
-
-
22 x 25
25 x 30
-
---
--
22 x 40
1000
-
-
-
-
22 x 25
22 x 30
30 x 30
-
---
--
25 x 40
1500
-
-
-
22 x 25
22 x 30
25 x 30
30 x 40
-
-
-
-
-
22 x 40
25 x 50


Similar Part No. - MAL205879102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205879102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com