Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL250037332E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL250037332E3
Description  Aluminum Capacitors Power General Purpose Screw Terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL250037332E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL250037332E3 Datasheet HTML 1Page - Vishay Siliconix MAL250037332E3 Datasheet HTML 2Page - Vishay Siliconix MAL250037332E3 Datasheet HTML 3Page - Vishay Siliconix MAL250037332E3 Datasheet HTML 4Page - Vishay Siliconix MAL250037332E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 28390
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
165
500 PGP-ST
Aluminum Capacitors
Power General Purpose Screw Terminals
Vishay BCcomponents
Table 1
Note
Unless otherwise specified, all electrical values in Tables 2 and 3
apply at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 500 series
4700 µF/400 V; ± 20 %
Nominal case size: Ø 76 x 105 mm;
STB version; high post M5 disc
DIMENSIONS in millimeters AND AVAILABLE FORMS
Maximum permissible torque which may be applied to the termination screws: 2 Nm for M5; 2.5 Nm for M6
For accessories refer to datasheet “Mounting Accessories”.
The capacitors are delivered with screws and washers.
A
P
Safety
Vent
Thread M x S
M
b
D
D
L
L
t
H
T
B
d1
l
b
Fig. 2A: Standard M5 disc: screw terminal (ST) and screw terminal bolt nut (STB)
B
P
Safety
Vent
Thread M x S
M
b
D
D
H
T
B
d
1
l
b
L
L
t
Fig. 2B: High current M6 disc: screw terminal (ST) and screw terminal bolt nut (STB)
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
DESIGN
DRAWING L ± 1
Lt ± 1 D ± 1 P ± 0.3 T ± 0.2 H ± 0.3 B ± 0.3 d1 ± 0.1
MS - 0
Mb
lb ± 0.1
MASS
(g)
PACKING
QTY
50 x 80
2A
82.8
88.8
51.0
22.2
7.1
4.8
11.0
7.9
M5
9.5
M12
16.0
200
25
50 x 105
2A
104.8 110.8
51.0
22.2
7.1
4.8
11.0
7.9
M5
9.5
M12
16.0
300
25
65 x 105
2A
104.8 110.7
65.0
28.5
7.0
4.6
11.9
7.9
M5
9.5
M12
16.0
480
16
65 x 105 HC
2B
104.8 109.2
65.0
28.5
5.5
3.5
18.0
13.0
M6
8.5
M12
16.0
480
16
76 x 105
2A
105.8 111.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
700
12
76 x 105 HC
2B
105.8 110.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
700
12
76 x 114
2A
115.8 121.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
800
12
76 x 114 HC
2B
115.8 120.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
800
12
76 x 146
2A
145.8 151.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
1000
12
76 x 146 HC
2B
145.8 150.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
1000
12
76 x 220
2A
219.8 225.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
1500
10
76 x 220 HC
2B
219.8 224.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
1500
10
90 x 146 HC
2B
150.1 155.4
89.4
31.8
7.9
0.0
13.0
13.0
M6
10.0 M12
16.0
1300
10
90 x 220 HC
2B
218.1 223.4
89.4
31.8
7.9
0.0
13.0
13.0
M6
10.0 M12
16.0
2000
10
Notes
• For bolt version holds:
1. L = L standard - 0.5 mm
2. Lt = Lt standard - 0.5 mm
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 Hz, 85 °C
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
Ordering code: MAL2 500 56472 E3
Former 12NC:
2222 500 56472


Similar Part No. - MAL250037332E3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL2020 MMD-MAL2020 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048 MMD-MAL202048 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048A MMD-MAL202048A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020A MMD-MAL2020A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020C MMD-MAL2020C Datasheet
74Kb / 1P
   Industry Standard Package
More results

Similar Description - MAL250037332E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
500PGP-ST VISHAY-500PGP-ST_17 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 28-Sep-17
500PGP-ST VISHAY-500PGP-ST_13 Datasheet
103Kb / 6P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 08-May-13
500PGP-ST VISHAY-500PGP-ST_V01 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_11 Datasheet
104Kb / 7P
   Aluminum Capacitors, Power Eurodin, Screw Terminals
Revision: 28-Oct-11
106PED-ST VISHAY-106PED-ST Datasheet
109Kb / 6P
   Aluminum Capacitors Power Eurodin Screw Terminals
Revision: 31-Oct-08
501PGM-ST VISHAY-501PGM-ST_V01 Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
01-Jan-2023
501PGM-ST VISHAY-501PGM-ST Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
logo
Kemet Corporation
C44A KEMET-C44A Datasheet
384Kb / 5P
   ALUMINIUM CASE CAPACITORS GENERAL PURPOSE APPLICATION SCREW TERMINALS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com