Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591D226X_025D2_20H Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 591D226X_025D2_20H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D226X_025D2_20H Datasheet(HTML) 7 Page - Vishay Siliconix

  591D226X_025D2_20H Datasheet HTML 1Page - Vishay Siliconix 591D226X_025D2_20H Datasheet HTML 2Page - Vishay Siliconix 591D226X_025D2_20H Datasheet HTML 3Page - Vishay Siliconix 591D226X_025D2_20H Datasheet HTML 4Page - Vishay Siliconix 591D226X_025D2_20H Datasheet HTML 5Page - Vishay Siliconix 591D226X_025D2_20H Datasheet HTML 6Page - Vishay Siliconix 591D226X_025D2_20H Datasheet HTML 7Page - Vishay Siliconix 591D226X_025D2_20H Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 40012
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 23-Jan-08
103
591D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Low ESR,
Conformal Coated, Maximum CV
Vishay Sprague
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
“A” CASE
1000
100
10
1
0.1
100
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
FREQUENCY
IMPEDANCE
ESR
15 µF, 6.3 VDC
1 µF, 35 VDC
FREQUENCY
“B” CASE
1000
100
10
1
0.1
100
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
IMPEDANCE
ESR
4.7 µF, 20 V
10 µF, 10 V
“C” CASE
FREQUENCY
100
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
IMPEDANCE
ESR
4.7 µF, 25 V
33 µF, 6.3 V
1000
100
10
1
0.1
FREQUENCY
100
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
“D” CASE
100
10
1
0.1
0.01
IMPEDANCE
ESR
47 µF, 6.3 V
6.8 µF, 25 V
100
10
1
0.1
0.01
“R” CASE
FREQUENCY
100
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
10 µF, 25 V
IMPEDANCE
ESR
100 µF, 6.3 V


Similar Part No. - 591D226X_025D2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D226X_020D2T VISHAY-591D226X_020D2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
591D226X_020R2T VISHAY-591D226X_020R2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
More results

Similar Description - 591D226X_025D2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com