Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEMT3700F-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VEMT3700F-GS08
Description  Silicon NPN Phototransistor, RoHS Compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEMT3700F-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  VEMT3700F-GS08 Datasheet HTML 1Page - Vishay Siliconix VEMT3700F-GS08 Datasheet HTML 2Page - Vishay Siliconix VEMT3700F-GS08 Datasheet HTML 3Page - Vishay Siliconix VEMT3700F-GS08 Datasheet HTML 4Page - Vishay Siliconix VEMT3700F-GS08 Datasheet HTML 5Page - Vishay Siliconix VEMT3700F-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Silicon NPN Phototransistor, RoHS Compliant
www.vishay.com
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81584
526
Rev. 1.5, 04-Sep-08
VEMT3700F
Vishay Semiconductors
DESCRIPTION
VEMT3700F is a high speed silicon NPN epitaxial planar
phototransistor in a miniature PLCC-2 package. The
integrated daylight blocking filter is matched to 950 nm
IR emitters.
FEATURES
• Package type: surface mount
• Package form: PLCC-2
• Dimensions (L x W x H in mm): 3.5 x 2.8 x 1.75
• High radiant sensitivity
• Fast response times
• Daylight blocking filter matched with 870 nm to
950 nm emitters
• Angle of half sensitivity:
ϕ = ± 60°
• Package notch indicates collector
• Package matched with IR emitter series VSML3710
• Floor life: 4 weeks, MSL 2a, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• Lead
(Pb)-free
component
in
accordance
with
RoHS 2002/95/EC and WEEE 2002/96/EC
APPLICATIONS
• Photo interrupters
• Miniature switches
• Counters
• Encoders
• Position sensors
Note
Test conditions see table “Basic Characteristics”
Note
MOQ: minimum order quantity
Note
Tamb = 25 °C, unless otherwise specified
19032
PRODUCT SUMMARY
COMPONENT
Ica (mA)
ϕ (deg)
λ
0.5 (nm)
VEMT3700F
0.5
± 60
850 to 1050
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
VEMT3700F-GS08
Tape and reel
MOQ: 7500 pcs, 1500 pcs/reel
PLCC-2
VEMT3700F-GS18
Tape and reel
MOQ: 8000 pcs, 8000 pcs/reel
PLCC-2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
5V
Collector current
IC
50
mA
Collector peak current
tp/T ≤ 0.1, tp ≤ 10 µs
ICM
100
mA
Power dissipation
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Acc. reflow solder profile fig. 10
Tsd
260
°C
Thermal resistance junction/ambient
Soldered on PCB with pad dimensions: 4 mm x 4 mm
RthJA
400
K/W


Similar Part No. - VEMT3700F-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMT3700F-GS08 VISHAY-VEMT3700F-GS08 Datasheet
127Kb / 6P
   Silicon NPN Phototransistor
Rev. 1.6, 14-Jul-10
VEMT3700F-GS08 VISHAY-VEMT3700F-GS08 Datasheet
128Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2022
VEMT3700F-GS08 VISHAY-VEMT3700F-GS08 Datasheet
129Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2023
More results

Similar Description - VEMT3700F-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT3700 VISHAY-TEMT3700_08 Datasheet
136Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.7, 10-Oct-08
VEMT4700 VISHAY-VEMT4700 Datasheet
143Kb / 7P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.3, 04-Sep-08
TEST2600 VISHAY-TEST2600_V02 Datasheet
97Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
TEFT4300 VISHAY-TEFT4300_08 Datasheet
110Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 16-Sep-08
TEKT5400S VISHAY-TEKT5400S_08 Datasheet
581Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 08-Sep-08
TEST2600 VISHAY-TEST2600_08 Datasheet
105Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPW77NA VISHAY-BPW77NA_V02 Datasheet
141Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
TEMT1000 VISHAY-TEMT1000_V01 Datasheet
197Kb / 9P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
BPW77NA VISHAY-BPW77NA_V01 Datasheet
140Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
VEMT3700 VISHAY-VEMT3700 Datasheet
139Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com