Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEMT4700 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VEMT4700
Description  Silicon NPN Phototransistor, RoHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEMT4700 Datasheet(HTML) 2 Page - Vishay Siliconix

  VEMT4700 Datasheet HTML 1Page - Vishay Siliconix VEMT4700 Datasheet HTML 2Page - Vishay Siliconix VEMT4700 Datasheet HTML 3Page - Vishay Siliconix VEMT4700 Datasheet HTML 4Page - Vishay Siliconix VEMT4700 Datasheet HTML 5Page - Vishay Siliconix VEMT4700 Datasheet HTML 6Page - Vishay Siliconix VEMT4700 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81501
532
Rev. 1.3, 04-Sep-08
VEMT4700
Vishay Semiconductors Silicon NPN Phototransistor, RoHS Compliant
Note
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Acc. reflow solder profile fig. 10
Tsd
260
°C
Thermal resistance junction/ambient
Soldered on PCB with pad dimensions: 4 mm x 4 mm
RthJA
400
K/W
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
020
40
60
80
0
25
50
75
100
125
Tamb - Ambient Temperature (°C)
100
20376
R
= 400 K/W
10
30
50
70
90
thJA
BASIC CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector emitter breakdown voltage
IC = 1 mA
V(BR)CEO
70
V
Collector emitter dark current
VCE = 20 V, E = 0
ICEO
1
200
nA
Collector emitter capacitance
VCE = 5 V, f = 1 MHz, E = 0
CCEO
3pF
Collector light current
Ee = 1 mW/cm2, λ = 950 nm, VCE = 5 V
Ica
0.25
0.5
mA
Angle of half sensitivity
ϕ
± 60
deg
Wavelength of peak sensitivity
λ
p
850
nm
Range of spectral bandwidth
λ
0.1
450 to 1080
nm
Collector emitter saturation voltage
Ee = 1 mW/cm2, λ = 950 nm,
IC = 0.1 mA
VCEsat
0.15
0.3
V
Rise time, fall time
VS = 5 V, IC = 1 mA, λ = 950 nm,
RL = 1 kΩ
tr/tf
6µs
VS = 5 V, IC = 1 mA, λ = 950 nm,
RL = 100 Ω
tr/tf
2µs
Cut-off frequency
VS = 5 V, IC = 2 mA, RL = 100 Ω
fc
180
kHz


Similar Part No. - VEMT4700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMT4700 VISHAY-VEMT4700 Datasheet
135Kb / 7P
   Silicon NPN Phototransistor
Rev. 1.4, 14-Jul-10
VEMT4700 VISHAY-VEMT4700 Datasheet
132Kb / 7P
   Silicon NPN Phototransistor
01-Jan-2022
VEMT4700 VISHAY-VEMT4700 Datasheet
133Kb / 7P
   Silicon NPN Phototransistor
01-Jan-2023
VEMT4700-GS08 VISHAY-VEMT4700-GS08 Datasheet
135Kb / 7P
   Silicon NPN Phototransistor
Rev. 1.4, 14-Jul-10
VEMT4700-GS08 VISHAY-VEMT4700-GS08 Datasheet
132Kb / 7P
   Silicon NPN Phototransistor
01-Jan-2022
More results

Similar Description - VEMT4700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT3700 VISHAY-TEMT3700_08 Datasheet
136Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.7, 10-Oct-08
TEST2600 VISHAY-TEST2600_V02 Datasheet
97Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
VEMT3700F VISHAY-VEMT3700F Datasheet
139Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 04-Sep-08
TEFT4300 VISHAY-TEFT4300_08 Datasheet
110Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 16-Sep-08
TEKT5400S VISHAY-TEKT5400S_08 Datasheet
581Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 08-Sep-08
TEST2600 VISHAY-TEST2600_08 Datasheet
105Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPW77NA VISHAY-BPW77NA_V02 Datasheet
141Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
TEMT1000 VISHAY-TEMT1000_V01 Datasheet
197Kb / 9P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
BPW77NA VISHAY-BPW77NA_V01 Datasheet
140Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
VEMT3700 VISHAY-VEMT3700 Datasheet
139Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com