Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL210159682E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL210159682E3
Description  Aluminum Capacitors Power High Ripple Current Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210159682E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MAL210159682E3 Datasheet HTML 3Page - Vishay Siliconix MAL210159682E3 Datasheet HTML 4Page - Vishay Siliconix MAL210159682E3 Datasheet HTML 5Page - Vishay Siliconix MAL210159682E3 Datasheet HTML 6Page - Vishay Siliconix MAL210159682E3 Datasheet HTML 7Page - Vishay Siliconix MAL210159682E3 Datasheet HTML 8Page - Vishay Siliconix MAL210159682E3 Datasheet HTML 9Page - Vishay Siliconix MAL210159682E3 Datasheet HTML 10Page - Vishay Siliconix MAL210159682E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.vishay.com
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28371
174
Revision: 31-Oct-08
101/102 PHR-ST
Vishay BCcomponents
Aluminum Capacitors
Power High Ripple Current Screw Terminals
385
220
35 x 60
2.1
0.17
575
380
18221E3
58221E3
-
-
330
35 x 80
2.7
0.26
386
257
18331E3
58331E3
-
-
470
35 x 80
3.1
0.37
279
188
18471E3
58471E3
-
-
680
35 x 105
3.9
0.53
196
133
18681E3
58681E3
-
-
1000
50 x 80
5.6
0.77
132
89
18102E3
58102E3
-
-
1500
50 x 105
7.1
1.16
90
61
18152E3
58152E3
-
-
2200
65 x 105
10.0
1.70
61
42
18222E3
58222E3
38222E3
78222E3
3300
76 x 105
13.4
2.55
42
29
18332E3
58332E3
38332E3
78332E3
4700
76 x 105
15.0
3.62
31
22
18472E3
58472E3
38472E3
78472E3
4700
76 x 146
16.3
3.62
29
20
28472E3
68472E3
48472E3
88472E3
6800
76 x 146
18.3
5.24
22
16
18682E3
58682E3
38682E3
78682E3
400
220
35 x 60
2.1
0.18
557
363
16221E3
56221E3
-
-
330
35 x 60
2.5
0.26
383
254
16331E3
56331E3
-
-
330
35 x 80
2.7
0.26
374
245
26331E3
66331E3
-
-
470
35 x 80
3.1
0.38
271
180
16471E3
56471E3
-
-
470
35 x 105
3.3
0.38
265
175
26471E3
66471E3
-
-
680
35 x 105
3.9
0.55
191
128
16681E3
56681E3
-
-
680
50 x 80
4.5
0.54
199
136
26681E3
66681E3
-
-
1000
50 x 80
5.7
0.80
128
86
16102E3
56102E3
-
-
1000
50 x 105
6.0
0.80
125
83
26102E3
66102E3
-
-
1500
50 x 105
7.1
1.20
88
59
26152E3
66152E3
-
-
2200
65 x 105
10.0
1.76
60
40
26222E3
66222E3
46222E3
86222E3
3300
65 x 105
12.1
2.64
40
27
16332E3
56332E3
36332E3
76332E3
3300
76 x 105
13.4
2.64
40
27
26332E3
66332E3
46332E3
86332E3
4700
76 x 105
15.0
3.76
31
21
16472E3
56472E3
36472E3
76472E3
4700
76 x 146
16.4
3.76
28
19
26472E3
66472E3
46472E3
86472E3
6800
76 x 146
18.3
5.44
22
15
26682E3
66682E3
46682E3
86682E3
10000
76 x 220
22.1
8.0
14
11
16103E3
56103E3
36103E3
76103E3
450
220
35 x 60
2.1
0.20
503
313
17221E3
57221E3
-
-
330
35 x 80
2.7
0.30
339
212
27331E3
67331E3
-
-
470
35 x 105
3.4
0.42
241
151
27471E3
67471E3
-
-
680
50 x 80
4.9
0.61
159
98
27681E3
67681E3
-
-
1000
50 x 80
5.7
0.90
118
75
17102E3
57102E3
-
-
1000
50 x 105
6.1
0.90
114
72
27102E3
67102E3
-
-
1500
50 x 105
7.1
1.35
81
52
17152E3
57152E3
-
-
1500
65 x 105
8.3
1.35
81
52
27152E3
67152E3
47152E3
87152E3
2200
65 x 105
10.1
1.98
55
35
17222E3
57222E3
37222E3
77222E3
2200
76 x 105
11.2
1.98
55
35
27222E3
67222E3
47222E3
87222E3
3300
76 x 105
13.5
2.97
37
24
17332E3
57332E3
37332E3
77332E3
3300
76 x 146
13.9
2.97
37
24
27332E3
67332E3
47332E3
87332E3
4700
76 x 146
16.4
4.23
26
17
17472E3
57472E3
37472E3
77472E3
5600
76 x 146
17.3
5.04
23
15
17562E3
57562E3
37562E3
77562E3
6800
76 x 220
19.8
6.1
25
20
17682E3
57682E3
37682E3
77682E3
6800
90 x 146
21.3
6.1
24
19
-
-
47682E3
87682E3
10 000
90 x 220
26.5
9.0
17
14
-
-
47103E3
87103E3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 102 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL5
5 min.
(mA)
ESR
max.
100 Hz
(m
Ω)
Z
max.
20 kHz
(m
Ω)
HIGH POST M5 DISC
HIGH CURRENT M6 DISC
ST
ORDERING
CODE
MAL2102.......
ST BOLT NUT
ORDERING
CODE
MAL2102.......
ST
ORDERING
CODE
MAL2102.......
ST BOLT NUT
ORDERING
CODE
MAL2102.......


Similar Part No. - MAL210159682E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210412102E3 VISHAY-MAL210412102E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412103E3 VISHAY-MAL210412103E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412152E3 VISHAY-MAL210412152E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412153E3 VISHAY-MAL210412153E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412222E3 VISHAY-MAL210412222E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
More results

Similar Description - MAL210159682E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com