Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7438 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7438
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7438 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7438 Datasheet HTML 5Page - STMicroelectronics TDA7438 Datasheet HTML 6Page - STMicroelectronics TDA7438 Datasheet HTML 7Page - STMicroelectronics TDA7438 Datasheet HTML 8Page - STMicroelectronics TDA7438 Datasheet HTML 9Page - STMicroelectronics TDA7438 Datasheet HTML 10Page - STMicroelectronics TDA7438 Datasheet HTML 11Page - STMicroelectronics TDA7438 Datasheet HTML 12Page - STMicroelectronics TDA7438 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
POWER ON RESET CONDITION
INPUT SELECTION
IN2
INPUT GAIN
28dB
VOLUME
MUTE
BASS
0dB
MIDDLE
2dB
TREBLE
2dB
SPEAKER
MUTE
DATA BYTES
Address = 88 HEX (ADDR:OPEN).
FUNCTION SELECTION: First byte (subaddress)
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
XXXB
0
0
0
0
INPUT SELECT
XXXB
0
0
0
1
INPUT GAIN
XXXB
0
0
1
0
VOLUME
XXXB
0
0
1
1
BASS
XXXB
0
1
0
0
MIDDLE
XXXB
0
1
0
1
TREBLE
XXXB
0
1
1
0
SPEAKER ATTENUATE ”R”
XXXB
0
1
1
1
SPEAKER ATTENUATE ”L”
B = 1: INCREMENTAL BUS ACTIVE
B = 0: NO INCREMENTAL BUS
X = DON’T CARE
INPUT SELECTION
MSB
LSB
INPUT MULTIPLEXER
D7
D6
D5
D4
D3
D2
D1
D0
XXXX
XX
0
0
IN3
XXXX
XX
0
1
NOT ALLOWED
XXXX
XX
1
0
IN2
XXXX
XX
1
1
IN1
TDA7438
9/17


Similar Part No. - TDA7438

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
198Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7438D STMICROELECTRONICS-TDA7438D Datasheet
198Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7438D013TR STMICROELECTRONICS-TDA7438D013TR Datasheet
198Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7438 STMICROELECTRONICS-TDA7438_04 Datasheet
198Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
More results

Similar Description - TDA7438

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7438 STMICROELECTRONICS-TDA7438_04 Datasheet
198Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7439 STMICROELECTRONICS-TDA7439 Datasheet
167Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
June 2004 REV. 10
TDA7439DS STMICROELECTRONICS-TDA7439DS Datasheet
140Kb / 16P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7439 STMICROELECTRONICS-TDA7439_08 Datasheet
299Kb / 23P
   Three-band digitally-controlled audio processor
TDA7439DS STMICROELECTRONICS-TDA7439DS_07 Datasheet
319Kb / 23P
   Three-band digitally-controlled audio processor
TDA7468 STMICROELECTRONICS-TDA7468 Datasheet
254Kb / 23P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
April 2010 Rev. 4
TDA7468D STMICROELECTRONICS-TDA7468D Datasheet
173Kb / 22P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
   Digitally controlled audio processor
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
   Digitally Controlled Audio Processor
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com