Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL210148473E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL210148473E3
Description  Aluminum Capacitors Power High Ripple Current Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210148473E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL210148473E3 Datasheet HTML 1Page - Vishay Siliconix MAL210148473E3 Datasheet HTML 2Page - Vishay Siliconix MAL210148473E3 Datasheet HTML 3Page - Vishay Siliconix MAL210148473E3 Datasheet HTML 4Page - Vishay Siliconix MAL210148473E3 Datasheet HTML 5Page - Vishay Siliconix MAL210148473E3 Datasheet HTML 6Page - Vishay Siliconix MAL210148473E3 Datasheet HTML 7Page - Vishay Siliconix MAL210148473E3 Datasheet HTML 8Page - Vishay Siliconix MAL210148473E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
101/102 PHR-ST
Aluminum Capacitors
Power High Ripple Current Screw Terminals
Vishay BCcomponents
Document Number: 28371
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
171
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION FOR 101 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL5
5 min.
(mA)
ESR
max.
100 Hz
(m
Ω)
Z
max.
20 kHz
(m
Ω)
STANDARD HIGH POST
M5 DISC
HIGH CURRENT
M6 DISC
ST
ORDERING
CODE
MAL2101.......
ST BOLT NUT
ORDERING
CODE
MAL2101.......
ST
ORDERING
CODE
MAL2101.......
ST BOLT NUT
ORDERING
CODE
MAL2101.......
25
15 000
35 x 60
7.7
0.75
29
22
16153E3
56153E3
-
-
22 000
35 x 60
8.3
1.10
27
22
16223E3
56223E3
-
-
33 000
35 x 80
9.0
1.65
19
17
16333E3
56333E3
-
-
33 000
50 x 80
10.0
1.65
17
14
26333E3
66333E3
-
-
47 000
35 x 105
12.1
2.35
15
13
16473E3
56473E3
-
-
47 000
50 x 80
14.8
2.35
12
10
26473E3
66473E3
-
-
68 000
50 x 80
12.8
3.40
15
13
16683E3
56683E3
-
-
68 000
50 x 105
17.1
3.40
9
8
26683E3
66683E3
-
-
100 000
50 x 105
14.7
5.00
12
11
16104E3
56104E3
-
-
100 000
65 x 105
19.6
5.00
7
6
26104E3
66104E3
46104E3
86104E3
150 000
65 x 105
17.6
7.50
8
7
16154E3
56154E3
36154E3
76154E3
150 000
76 x 105
21.4
7.50
6
5
26154E3
66154E3
46154E3
86154E3
220 000
65 x 105
20.2
11.0
6
5
16224E3
56224E3
36224E3
76224E3
220 000
76 x 105
22.5
11.0
6
5
26224E3
66224E3
46224E3
86224E3
330 000
76 x 146
25.8
16.5
4
4
26334E3
66334E3
46334E3
86334E3
470 000
76 x 220
29.9
23.5
5
5
16474E3
56474E3
36474E3
76474E3
470 000
90 x 146
38.2
23.5
5
5
-
-
46474E3
86474E3
680 000
76 x 220
29.0
34.0
5
5
16684E3
56684E3
36684E3
76684E3
1 000 000
90 x 220
46.6
50.0
5
5
-
-
46105E3
86105E3
40
10 000
35 x 60
7.1
0.80
31
23
17103E3
57103E3
-
-
15 000
35 x 60
7.8
1.20
28
22
17153E3
57153E3
-
-
15 000
35 x 80
8.7
1.20
22
17
27153E3
67153E3
-
-
22 000
35 x 80
9.4
1.76
20
17
17223E3
57223E3
-
-
22 000
50 x 80
11.2
1.76
19
15
27223E3
67223E3
-
-
33 000
35 x 105
11.0
2.64
15
13
17333E3
57333E3
-
-
33 000
50 x 80
13.7
2.64
13
10
27333E3
67333E3
-
-
47 000
50 x 80
14.6
3.76
12
10
17473E3
57473E3
-
-
47 000
50 x 105
15.9
3.76
10
8
27473E3
67473E3
-
-
68 000
50 x 105
16.9
5.44
9
8
17683E3
57683E3
-
-
68 000
65 x 105
18.1
5.44
7
6
27683E3
67683E3
47683E3
87683E3
100 000
65 x 105
19.2
8.0
7
6
17104E3
57104E3
37104E3
77104E3
100 000
76 x 105
21.3
8.0
7
6
27104E3
67104E3
47104E3
87104E3
150 000
76 x 105
20.5
12.0
7
6
17154E3
57154E3
37154E3
77154E3
150 000
76 x 146
24.0
12.0
5
5
27154E3
67154E3
47154E3
87154E3
220 000
76 x 146
24.5
17.6
5
5
27224E3
67224E3
47224E3
87224E3
330 000
76 x 220
28.2
26.4
5
5
17334E3
57334E3
37334E3
77334E3
330 000
90 x 146
38.6
26.4
5
5
-
-
47334E3
87334E3
470 000
90 x 220
41.5
37.6
5
5
-
-
47474E3
87474E3


Similar Part No. - MAL210148473E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210412102E3 VISHAY-MAL210412102E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412103E3 VISHAY-MAL210412103E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412152E3 VISHAY-MAL210412152E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412153E3 VISHAY-MAL210412153E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412222E3 VISHAY-MAL210412222E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
More results

Similar Description - MAL210148473E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com