Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP2150 Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2150
Description  DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2150 Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2150 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DUAL 150MA HIGH PERFORMANCE MOBILE LDO
TM IN SOT23-6L
2007-6-28
4/9
FSP2150
TYPICAL PERFORMANCE CHARACTERISTICS
(CIN = 2.2uF, CO = 2.2uF, TA = 25°C unless otherwise specified.)


Similar Part No. - FSP2150

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2151 FOSLINK-FSP2151 Datasheet
526Kb / 9P
   DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN USP6
FSP2151UAAD FOSLINK-FSP2151UAAD Datasheet
526Kb / 9P
   DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN USP6
FSP2151UBAD FOSLINK-FSP2151UBAD Datasheet
526Kb / 9P
   DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN USP6
More results

Similar Description - FSP2150

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2151 FOSLINK-FSP2151 Datasheet
526Kb / 9P
   DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN USP6
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Alpha & Omega Semicondu...
SOT-23-5L AOSMD-SOT-23-5L Datasheet
78Kb / 1P
   SOT23 5L/6L Carrier tape
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
logo
Eutech Microelectronics...
EUP7915 EUTECH-EUP7915 Datasheet
271Kb / 11P
   150mA Low-Noise LDO in SOT23-5
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com