Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP1084D50A Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084D50A
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084D50A Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084D50A Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D50A Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D50A Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D50A Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D50A Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D50A Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D50A Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D50A Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D50A Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
1/9
FSP1084
PIN CONFIGURATION
(1) TO220-3L
(2) TO252-2L
(3) TO263-2L
BLOCK DIAGRAM
FEATURES
Low Dropout Voltage: 1.3V Typically at 5A
Current Limiting and Thermal Protection
Output Current: 5A
Current Limit: 6.5A
Operating Junction Temperature Range: 0 to 125℃
Line Regulation: 0.015%(Typical)
Load Regulation: 0.2%(Typical)
GENERAL DESCRIPTION
The FSP1084 is a series of low dropout positive
voltage regulators with a maximum dropout of 1.5V at
5A of load current.
The series features on-chip thermal limiting which
provides protection against any combination of
overload and ambient temperatures that would create
excessive junction temperatures. It also includes a
trimmed bandgap reference and a current limiting
circuit.
The FSP1084 is available in 1.5V, 1.8V, 2.5V, 3.3V and
5.0V versions. The fixed versions integrate the adjust
resistors. It is also available in an adjustable version
which can set output voltage with two external
resistors.
The FSP1084 series is available in standard package
of TO263-2L, TO220-3L and TO252-2L.
APPLICATIONS
High Efficiency Linear Regulators
Battery Chargers
Post Regulation for Switching Supply
Microprocessor Supply
Desktop PCs, RISC and Embedded Processors’
Supply
1
2
3
ADJ/GND
VOUT
VIN
Metal Tab VOUT
1
2
3
ADJ/GND
VOUT
VIN
Metal Tab VOUT
1
2
3
ADJ/GND
VOUT
VIN
Metal Tab VOUT
(TAB)
3
A1
Protection
2
A2
For Fixed Output,connect A1 and A2, disconnect B
Thermal
OUTPUT
B
ADJ/GND
For Adjustable Output, disconnect A1 and A2, connect B
1
INPUT


Similar Part No. - FSP1084D50A

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results

Similar Description - FSP1084D50A

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com