Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP1117K50E Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1117K50E
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1117K50E Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1117K50E Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K50E Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K50E Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K50E Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K50E Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K50E Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K50E Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K50E Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K50E Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1A LOW DROPOUT LINEAR REGULATOR
2007-4-9
4/10
FSP1117
TYPICAL PERFORMANCE CHARACTERISTICS
0.4
0.6
0.8
1.0
0.2
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Output Current (A)
Dropout Voltage vs Output Current
TA=25℃
TA=0℃
TA=125℃
Junction Temperature (℃)
-25
0
25
50
75
100
125
-0.2
-0.1
0.0
0.1
0.2
Load Regulation vs Junction Temperature
-50
FSP1117-ADJ
-50 -25
0
25
50
75 100 125
1.235
1.240
1.245
1.250
1.255
1.260
1.270
1.275
1.280
Junction Temperature (℃)
Reference Voltage vs Junction Temperature
1.265
Junction Temperature (℃)
-25
0
25
50
75
100
125
3.10
3.20
3.25
3.35
3.40
Output Voltage vs Junction Temperature
-50
FSP1117-3.3V
3.15
3.30
Junction Temperature (℃)
-25
0
25
50
75
100
125
0
2
4
5
Minimum Load Current vs Junction Temperature
-50
1
3
-50 -25
0
25
50
75 100 125
0
10
20
30
40
50
70
80
90
Junction Temperature (℃)
Adjust Pin Current vs Junction Temperature
60


Similar Part No. - FSP1117K50E

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results

Similar Description - FSP1117K50E

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com