Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPV23NFL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BPV23NFL
Description  Silicon PIN Photodiode, RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV23NFL Datasheet(HTML) 1 Page - Vishay Siliconix

  BPV23NFL Datasheet HTML 1Page - Vishay Siliconix BPV23NFL Datasheet HTML 2Page - Vishay Siliconix BPV23NFL Datasheet HTML 3Page - Vishay Siliconix BPV23NFL Datasheet HTML 4Page - Vishay Siliconix BPV23NFL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicon PIN Photodiode, RoHS Compliant
www.vishay.com
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81513
362
Rev. 1.7, 08-Sep-08
BPV23NF, BPV23NFL
Vishay Semiconductors
DESCRIPTION
BPV23NF is a PIN photodiode with high speed and high
radiant sensitivity in a black, plastic package with side view
lens and daylight blocking filter. Filter bandwidth is matched
with 870 nm to 950 nm IR emitters. The lens achieves 80 %
of sensitivity improvement in comparison with flat package.
BPV23NFL has long leads, other specifications like
BPV23NF.
FEATURES
• Package type: leaded
• Package form: side view
• Dimensions (in mm): 4.5 x 5 x 6
• Radiant sensitive area (in mm2): 4.4
• High radiant sensitivity
• Daylight blocking filter matched with 870 nm to
950 nm emitters
• Fast response times
• Angle of half sensitivity:
ϕ = ± 60°
• Lead
(Pb)-free
component
in
accordance
with
RoHS 2002/95/EC and WEEE 2002/96/EC
APPLICATIONS
• High speed detector for infrared radiation
• Infrared remote control and free air data transmission
systems, e.g. in combination with TSFFxxxx series IR
emitters
Note
Test condition see table “Basic Characteristics“
Note
MOQ: minimum order quantity
Note
Tamb = 25 °C, unless otherwise specified
94 8633
PRODUCT SUMMARY
COMPONENT
Ira (µA)
ϕ (deg)
λ
0.5 (nm)
BPV23NF
65
± 60
790 to 1050
BPV23NFL
65
± 60
790 to 1050
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
BPV23NF
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
Side view
BPV23NFL
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
Side view, long leads
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
60
V
Power dissipation
Tamb ≤ 25 °C
PV
215
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction/ambient
Connected with Cu wire, 0.14 mm2
RthJA
350
K/W


Similar Part No. - BPV23NFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NFL VISHAY-BPV23NFL Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
BPV23NFL VISHAY-BPV23NFL Datasheet
123Kb / 5P
   Silicon PIN Photodiodes
01-Jan-2022
BPV23NFL VISHAY-BPV23NFL Datasheet
124Kb / 5P
   Silicon PIN Photodiode
01-Jan-2023
More results

Similar Description - BPV23NFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23F VISHAY-BPV23F_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPW24R VISHAY-BPW24R_11 Datasheet
151Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.6, 11-Aug-11
TEMD1000 VISHAY-TEMD1000_11 Datasheet
190Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.4, 09-Aug-11
BPW83 VISHAY-BPW83_V01 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
BPW83 VISHAY-BPW83_V02 Datasheet
82Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPV22NF VISHAY-BPV22NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
TEMD1040 VISHAY-TEMD1040_V02 Datasheet
193Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2023
BPV22F VISHAY-BPV22F_08 Datasheet
123Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.5, 08-Sep-08
BPW82 VISHAY-BPW82_V02 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPW24R VISHAY-BPW24R_V01 Datasheet
173Kb / 6P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com