Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3112 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3112
Description  DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3112 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3112 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
2007-7-11
3/10
FSP3112
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
Parameter
Rating
Unit
Input Supply Voltage
-0.3 to +6
V
RUN1, RUN2
-0.3 to VIN+0.3
V
VFB1, VFB2 Voltages
-0.3 to VIN+0.3
V
SW1, SW2 Voltages
-0.3 to VIN+0.3
V
POR Voltages
-0.3 to +6
V
Peak SW1,SW2 Sink and Source Current
1.5
A
Operating Temperature Range
-40 to +85
Junction Temperature (Note 2)
+125
Storage Temperature Range
-65 to 150
Lead Temperature (soldering, 10 sec.)
+300
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula:
TJ=TA+PD×θJA
ELECTRICAL CHARACTERISTICS (NOTE 3)
(VIN=VRUN=3.6V, TA=25℃, Test circuit of Figure 1, Unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
Input Voltage Range
2.5
5.5
V
Input DC Supply Current
Active Mode
Shutdown Mode
VFB1=VFB2=0.5V,
RUN=0V, VIN=4.2V
500
0.3
800
2
µA
TA=+25℃, Channel 1 or 2
0.5880
0.6000
0.6120
V
TA=0℃≤TA≤85℃, Channel 1 or 2
0.5865
0.6000
0.6135
V
Regulated Feedback Voltage
TA=-40℃≤TA≤85℃, Channel 1 or 2 0.5850 0.6000 0.6150
V
Feedback Pin Input Current
VFB=0.65V
±
30
nA
Reference Voltage Line Regulation
VIN=2.5V to 5.5V
0.11
0.40
%/V
Output Voltage Line Regulation
VIN=2.5V to 5.5V, VOUT=1.8V,
IOUT=10mA
0.11
0.40
%/V
Output Voltage Load Regulation
VIN=3.6V, IOUT=0 to 600mA,
0.0015
%/mA
Maximum Output Current
VIN=3.0V
600
mA
Oscillator Frequency
VFB 1/2= 0.6V
1.2
1.5
1.8
MHz
RDS(ON) of P-CH MOSFET
ISW=300mA
0.35
0.45
Ω
RDS(ON) of N-CH MOSFET
ISW=-300mA
0.28
0.45
Ω
Peak Inductor Current
VIN=3V,VFB1=VFB2=0.5V,
Duty cycle<35%
1.2
A
SW Leakage
VRUN=0V, VSW=0V or 5V, VIN=5V
±
0.01
±
1
µA
RUN Threshold
-40℃≤TA≤85℃
0.3
0.45
1.50
V
RUN Leakage Current
±
0.1
±
1
µA
VFBX Ramping Up
8.5
%
VFBX Ramping Down,
-8.5
%
Power-On Reset Delay
175
mS
Power-On Reset Threshold (POR)
Power-On Reset On-Resistance
100
Ω
Note 3: 100% production test at +25℃. Specifications over the temperature range are guaranteed by design and
characterization.
THERMAL RESISTANCE (NOTE 4)
Package
θJA (℃/W)
θJC (℃/W)
MSOP-10 (EXPOSE PAD)
45
10
DFN-10 (EXPOSE PAD)
45
10
Note 4: Thermal Resistance is specified with approximately 1 square of 1 oz cooper.


Similar Part No. - FSP3112

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3100 FOSLINK-FSP3100 Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3100C12AD FOSLINK-FSP3100C12AD Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3100C15AD FOSLINK-FSP3100C15AD Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3100C18AD FOSLINK-FSP3100C18AD Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3100CAD FOSLINK-FSP3100CAD Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - FSP3112

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3100 FOSLINK-FSP3100 Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
logo
Kingbright Corporation
APW7134 KINGBRIGHT-APW7134 Datasheet
303Kb / 16P
   Dual 1.5MHz, 600mA Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2104 MPS-MP2104 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
   1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com