Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3126 Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3126
Description  WIDE INPUT 2A STEP DOWN CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3126 Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3126 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
WIDE INPUT 2A STEP DOWN CONVERTER
2007-5-28
4/9
FSP3126
APPLICATION INFORMATION
Output Voltage Setting
Figure1. Output Voltage Setting
Figure 1 shows the connections for setting the output voltage. Select the proper ratio of the two feedback resistors
RFB1 and RFB2 based on the output voltage. Typically, use RFB2 ≈ 10kΩ and determine RFB1 from the following
equation:
⎟⎟
⎜⎜
=
1
V
293
.
1
V
R
R
OUT
2
FB
1
FB
(1)
Inductor Selection
The inductor maintains a continuous current to the output load. This inductor current has a ripple that is dependent on
the inductance value: higher inductance reduces the peak-to-peak ripple current. The trade off for high inductance
value is the increase in inductor core size and series resistance, and the reduction in current handling capability. In
general, select an inductance value L based on the ripple current requirement:
RIPPLE
OUTMAX
SW
IN
OUT
IN
OUT
K
I
f
V
)
V
V
(
V
L
=
(2)
where VIN is the input voltage, VOUT is the output voltage, fSW is the switching frequency, IOUTMAX is the maximum
output current, and KRIPPLE is the ripple factor. Typically, choose KRIPPLE = 30% to correspond to the peak-to-peak
ripple current being 30% of the maximum output current.
With this inductor value, the peak inductor current is IOUT • (1 + KRIPPLE / 2). Make sure that this peak inductor current is
less that the 3A current limit. Finally, select the inductor core size so that it does not saturate at 3A. Typical inductor
values for various output voltages are shown in Table 1.
VOUT 1.5V 1.8V 2.5V 3.3V
5V
L
6.8µH6.8µH10µH15µH22µH
Table 1. Typical Inductor Values
Input Capacitor
The input capacitor needs to be carefully selected to maintain sufficiently low ripple at the supply input of the
converter. A low ESR capacitor is highly recommended. Since large current flows in and out of this capacitor during
switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 10µF. The best choice is the ceramic type; however, low ESR tantalum
or electrolytic types may also be used provided that the RMS ripple current rating is higher than 50% of the output
current. The input capacitor should be placed close to the IN and G pins of the IC, with the shortest traces possible. In
the case of tantalum or electrolytic types, they can be further away if a small parallel 0.1µF ceramic capacitor is
placed right next to the IC.
Output Capacitor
The output capacitor also needs to have low ESR to keep low output voltage ripple. The output ripple voltage is:
ESR
RIPPLE
OUTMAX
RIPPLE
R
K
I
V
=
OUT
2
SW
IN
LC
f
28
V
+
(3)
where IOUTMAX is the maximum output current, KRIPPLE is the ripple factor, RESR is the ESR of the output capacitor, fSW is
the switching frequency, L is the inductor value, and COUT is the output capacitance. In the case of ceramic output
capacitors, RESR is very small and does not contribute to the ripple. Therefore, a lower capacitance value can be used
for ceramic capacitors. In the case of tantalum or electrolytic capacitors, the ripple is dominated by RESR multiplied by
the ripple current. In that case, the output capacitor is chosen to have sufficiently low ESR.


Similar Part No. - FSP3126

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3126

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
logo
List of Unclassifed Man...
ACT4012 ETC2-ACT4012 Datasheet
249Kb / 9P
   Wide Input 2A Step Down Converter
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072 Datasheet
729Kb / 10P
   Wide Input 2A Step Down Converter
Rev 1, 12/2006
ACT4072 ACTIVE-SEMI-ACT4072_08 Datasheet
271Kb / 10P
   Wide Input 2A Step Down Converter
Rev2, 27-May-08
logo
Guangdong Kexin Industr...
FSP3170 KEXIN-FSP3170 Datasheet
998Kb / 3P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
   Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com