Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3126SAD Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3126SAD
Description  WIDE INPUT 2A STEP DOWN CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3126SAD Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3126SAD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WIDE INPUT 2A STEP DOWN CONVERTER
2007-5-28
1/9
FSP3126
PIN ASSIGNMENT
(Top View)
PIN DESCRIPTION
Name
No.
Description
BS
1
Bootstrap. This pin acts as the positive rail for the high-side switch’s gate driver.
Connect a 10nF capacitor between BS and SW.
IN
2
Input Supply. Bypass this pin to G with a low ESR capacitor. See Input Capacitor
in the Application Information section.
SW
3
Switch Output. Connect this pin to the switching end of the inductor.
G
4
Ground.
FB
5
Feedback Input. The voltage at this pin is regulated to 1.293V. Connect to the
resistor divider between output and ground to set output voltage.
COMP
6
Compensation Pin. See Stability Compensation in the Application Information
section.
EN
7
Enable Input. When higher than 1.3V, this pin turns the IC on. When lower than
0.7V, this pin turns the IC off. Output voltage is discharged when the IC is off.
When left unconnected, EN is pulled up to 4.5V tip with a 2µA pull up current.
N/C
8
Not Connected.
Typical Application
TFT LCD Monitors
Portable DVDs
Car-Powered or Battery-Powered Equipments
Set-Top Boxes
Telecom Power Supplies
DSL and Cable Modems and Routers
Termination Supplies
BS
IN
SW
G
N/C
EN
COMP
FB
FSP3126
8
7
6
5
1
2
3
4
GENERAL DESCRIPTION
The FSP3126 is a current-mode step-down DC/DC
converter that generates up to 2A of output current at
410kHz switching frequency. The device utilizes
ISOBCD20 process for operation with input voltages
up to 20V.
Consuming only 8µA in shutdown mode, the
FSP3126 is highly efficient with peak operating
efficiency at 95%. Protection features include
cycle-by-cycle current limit, thermal shutdown, and
frequency foldback at short circuit.
The FSP3126 is available in a SOP8L package and
requires very few external devices for operation.
FEATURES
2A Output Current
Up to 95% Efficiency
4.75V to 20V Input Range
8µA Shutdown Supply Current
410kHz Switching Frequency
Adjustable Output Voltage
Cycle-by-Cycle Current Limit Protection
Thermal Shutdown Protection
Frequency Foldback at Short Circuit
Stability with Wide Range of Capacitors,
Including Low ESR Ceramic Capacitors
SOP8L Package


Similar Part No. - FSP3126SAD

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3126SAD

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
logo
List of Unclassifed Man...
ACT4012 ETC2-ACT4012 Datasheet
249Kb / 9P
   Wide Input 2A Step Down Converter
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072 Datasheet
729Kb / 10P
   Wide Input 2A Step Down Converter
Rev 1, 12/2006
ACT4072 ACTIVE-SEMI-ACT4072_08 Datasheet
271Kb / 10P
   Wide Input 2A Step Down Converter
Rev2, 27-May-08
logo
Guangdong Kexin Industr...
FSP3170 KEXIN-FSP3170 Datasheet
998Kb / 3P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
   Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com