Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP1117T18 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1117T18
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1117T18 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1117T18 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T18 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T18 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T18 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T18 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T18 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T18 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T18 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T18 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1A LOW DROPOUT LINEAR REGULATOR
2007-4-9
3/10
FSP1117
ELECTRICAL CHARACTERISTICS (CONTINUED)
Operating Conditions: VIN≤10V, TJ=25 , unless otherwise specified
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Adjust Pin Current
IO=10mA~1A, 1.5V≤VIN-VOUT≤10V
60
120
µA
Adjust Pin Current Change
IO=10mA~1A, 1.4V≤VIN-VOUT≤10V
0.2
5
µA
FSP1117 E
1.7
5
mA
Minimum Load Current(ADJ)
FSP1117
1.5V≤VIN-VOUT≤10V
5
10
mA
Quiescent Current
VIN=VOUT+1.25V
5
10
mA
Ripple Rejection
f=120Hz,COUT=22uF Tantalum,
VIN-VOUT=3V, IOUT=1A
60
75
dB
Temperature Stability
0.5
%
Long-term Stability
TA=125℃, 1000hrs
0.3
%
RMS Output Noise
(% of VOUT)
TA=25℃, 10Hz≤f≤10kHz
0.003
%
SOT223
15
TO252-2L
10
TO220-3L
4.5
Thermal Resistance,
Junction to case
θJC
TO263-3L
4
/
W
Thermal Shutdown
Junction Temperature
150
Thermal Shutdown
Hysteresis
25
TYPICAL APPLICATIONS
R2
R1
+
10µF
Tantalum
Vout
Vin
+
Tantalum
Vout
ADJ
FSP1117-ADJ
22µF
Vout=Vref*(1+R2/R1)+Iadj*R2
Vin
Vin
GND
+
10µF
Tantalum
Vin
FSP1117-5.0
+
22µF
Tantalum
Vout
Vout


Similar Part No. - FSP1117T18

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results

Similar Description - FSP1117T18

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com