Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3130SAG Datasheet(PDF) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3130SAG
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3130SAG Datasheet(HTML) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3130SAG Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SAG Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SAG Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SAG Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SAG Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SAG Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SAG Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PWM CONTROL 2A STEP-DOWN CONVERTER
2007-6-6
7/7
FSP3130
PACKAGE INFORMATION
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.60
1.75
0.055
0.063
0.069
A1
0.10
0.25
0..004
0.010
A2
1.30
1.45
1.50
0.051
0.057
0.059
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
5.05
5.30
0.189
0.199
0.209
E
3.70
3.90
4.10
0.146
0.154
0.161
e
1.27TYP.
0.050TYP.
H
5.80
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
θ
0
ο
8
ο
0
ο
8
ο
e
B
D
7ο(4х)
0.015х45ο
VIEW “A”
7ο(4х)


Similar Part No. - FSP3130SAG

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3131 FOSLINK-FSP3131 Datasheet
222Kb / 7P
   PWM CONTROL 3A STEP-DOWN CONVERTER
FSP3131SAG FOSLINK-FSP3131SAG Datasheet
222Kb / 7P
   PWM CONTROL 3A STEP-DOWN CONVERTER
FSP3131SG FOSLINK-FSP3131SG Datasheet
222Kb / 7P
   PWM CONTROL 3A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
FSP3132SAG FOSLINK-FSP3132SAG Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
More results

Similar Description - FSP3130SAG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
   PWM Control 2A Step-Down Converter
Rev. 1.02
logo
FOSLINK SEMICONDUCTOR C...
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
   PWM Control 2A Step-Down Converter
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
   PWM Control 2A Step-Down Converter
logo
Diodes Incorporated
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com