Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3125S12E Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3125S12E
Description  150KHZ竊?A PWM BUCK DC/DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3125S12E Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3125S12E Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S12E Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S12E Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S12E Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S12E Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S12E Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S12E Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S12E Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S12E Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
150KHZ,2A PWM BUCK DC/DC CONVERTER
2007-3-27
3/9
FSP3125
ELECTRICAL CHARACTERISTICS
(CONTINUED)
(Unless otherwise specified, VIN=12V for 3.3V, 5V and adjustable version and VIN=18V for the 12V version. ILOAD =
0.5A)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
1.193
1.267
Output
Feedback
VFB
4.5V ≤VIN ≤22V
0.2A ≤ILOAD ≤2A
VOUT Programmed for 3V
1.18
1.23
1.28
V
Efficiency
FSP3125-ADJ
η
VIN =12V, ILOAD= 2A
75
%
3.168
3.432
Output
Feedback
VOUT
4.5V ≤VIN ≤22V
0.2A ≤ILOAD ≤2A
3.135
3.3
3.465
V
Efficiency
FSP3125-3.3V
η
VIN =12V, ILOAD= 2A
78
%
4.8
5.2
Output
Feedback
VOUT
7V ≤VIN ≤22V
0.2A ≤ILOAD ≤2A
4.75
5
5.25
V
Efficiency
FSP3125-5.0V
η
VIN =12V, ILOAD= 2A
83
%
11.52
12.48
V
Output
Feedback
VOUT
15V ≤VIN ≤22V
0.2A ≤ILOAD ≤2A
11.4
12
12.6
Efficiency
FSP3125-12V
η
VIN =15V, ILOAD= 2A
90
%
Specifications with boldface are for full operating temperature range, the other type are for TJ=25°C
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - FSP3125S12E

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3125S12E

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com