Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP2200UAET Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2200UAET
Description  3 PIN MICROPROCESSOR RESET MONITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2200UAET Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2200UAET Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200UAET Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200UAET Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200UAET Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200UAET Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200UAET Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200UAET Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 PIN MICROPROCESSOR RESET MONITORS
FSP2200
2007-2-8
3/7
ELECTRICAL CHARACTERISTICS
(CONTINUED)
(Vcc=full range, TA = -40°C to +105°C(SOT23) or TA = -40°C to +125°C(SOT323)unless otherwise noted.)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
TA=+25°C
4.56
4.63
4.70
TA=-40°C to +85°C
4.50
4.75
FSP2200-
4.63
TA=-40°C to +125°C
4.44
4.82
TA=+25°C
4.31
4.38
4.45
TA=-40°C to +85°C
4.25
4.50
FSP2200-
4.38
TA=-40°C to +125°C
4.20
4.56
TA=+25°C
3.04
3.08
3.11
TA=-40°C to +85°C
3.00
3.15
FSP2200-
3.08
TA=-40°C to +125°C
2.95
3.21
TA=+25°C
2.89
2.93
2.96
TA=-40°C to +85°C
2.85
3.00
FSP2200-
2.93
TA=-40°C to +125°C
2.81
3.05
TA=+25°C
2.59
2.63
2.66
TA=-40°C to +85°C
2.55
2.70
FSP2200-
2.63
TA=-40°C to +125°C
2.52
2.74
TA=+25°C
2.28
2.32
2.35
TA=-40°C to +85°C
2.25
2.38
Reset Threshold
(SOT323)
VTH
FSP2200-
2.32
TA=-40°C to +125°C
2.22
2.42
V
Reset Threshold
Tempco
30
ppm/°C
Vcc to Reset
Delay
Vcc= VTH to (VTH-100mV)
20
μ
s
TA=-40°C to +85°C
140
240
560
Reset Active
Timeout
Period(SOT23)
TA=-40°C to +105°C
100
840
TA=-40°C to +85°C
140
240
460
Reset Active
Timeout
Period(SOT323)
TA=-40°C to +125°C
100
840
ms
Vcc=VTH min, ISINK=1.2mA
FSP2200-2.32/2.63/2.93/3.08
0.3
Vcc=VTH min, ISINK=3.2mA
FSP2200-4.00/4.38/4.63
0.4
RESET Output
Voltage Low
(push-pull active
low)
VOL
Vcc>1.0V, ISINK=50µA
0.3
V
Vcc>VTH max, ISOURCE=500µA
FSP2200-2.32/2.63/2.93/3.08
0.8Vcc
RESET Output
Voltage High
(push-pull active
low)
VOH
Vcc>VTH max, ISOURCE=80µA
FSP2200-4.00/4.38/4.63
Vcc-1.5
V
Typical Values: TA=-+25°C Vcc=5V for FSP2200-4.00/4.38/4.63
Vcc=3.3V for FSP2200-3.08/2.93
Vcc=3V for FSP2200-2.63
Vcc=2.5V for FSP2200-2.32


Similar Part No. - FSP2200UAET

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP220-20FGBBD FSP-FSP220-20FGBBD Datasheet
81Kb / 1P
   IPC PSU
logo
Sparkle Power Inc.
FSP220-50LH SPI-FSP220-50LH Datasheet
35Kb / 1P
   220 Watts Flex ATX Switching Power Supply
logo
FSP TECHNOLOGY INC.
FSP220-50LH FSP-FSP220-50LH Datasheet
152Kb / 1P
   IPC PSU
FSP220-60LE FSP-FSP220-60LE Datasheet
155Kb / 1P
   IPC PSU
logo
Sparkle Power Inc.
FSP220-60MPC SPI-FSP220-60MPC Datasheet
470Kb / 1P
   220 Watts FLEX ATX Medical Grade Power Supply
More results

Similar Description - FSP2200UAET

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
   Microprocessor Reset Monitors
01-Nov-02
logo
ON Semiconductor
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
logo
Microchip Technology
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com