Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3122D33E Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3122D33E
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3122D33E Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3122D33E Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D33E Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D33E Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D33E Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D33E Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D33E Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D33E Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D33E Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D33E Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-6-12
3/10
FSP3122
ELECTRICAL CHARACTERISTICS (ALL OUTPUT VOLTAGE VERSIONS)
Unless otherwise specified, VIN=12V for 3.3V,5V, adjustable version and VIN=24V for the 12V version. ILOAD=0.5A
Symbol
Paramrter
Conditions
Min.
Typ.
Max.
Unit
50
IB
Feedback bias current
VFB=1.3V(Adjustable
version only)
40
100
nA
127
150
173
FOSC
Oscillator frequency
110
173
KHz
VSAT
Saturation voltage
IOUT=3A
no outside circuit
VFB=0V force driver on
1.16
1.4
V
Max.Duty Cycle(ON)
VFB=0V force driver on
100
DC
Min.Duty Cycle(OFF)
VFB=12V force driver off
0
%
ICL
Current limit
Peak current
no outside circuit
VFB=0V force driver on
3.6
6.9
A
Output=0
no outside circuit
VFB=12V force driver off
50
µA
IL
Output=-1
Output
leakage
current
VIN=40V
5
30
mA
IQ
Quiescent Current
VFB=12V force driver off
7.8
10
mA
ISTBY
Standby Quiesient
Current
ON/OFF Pin=5V
VIN=40V
85
200
µA
VIL
Low(regultaor ON)
0.6
VIH
ON/OFF pin logic input
threshold voltage
High(regultaor OFF)
2.0
1.4
V
IH
ON/OFF pin logic input
current
VLOGIC=2.5V(OFF)
6
15
IL
ON/OFF pin input
current
VLOGIC=0.5V(ON)
0.02
5
µA
TO252-5L
10
TO220-5L
2.5
θJC
Thermal Resistence
TO263-5L
Junction
to case
3.5
/W
TO252-5L
30
TO220-5L
28
θJA
Thermal Resistence
With copper area of
approximately 3 in
2
TO263-5L
Junction
to ambient
30
/W
ELECTRICAL CHARACTERISTICS (CONTINUED)
Symbol
Parameter
Conditions
Typ.
Limit
Unit
VFB
Output Feedback
4.5V≤VIN≤40V
0.2A≤ILOAD≤3A
VOUT programmed for
3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
FSP3122-ADJ
η
Efficiency
VIN =12V,
ILOAD =3A
72
%
VOUT
Output voltage
5V≤VIN≤40V
0.2A≤ILOAD≤3A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
FSP3122-3.3V
η
Efficiency
VIN =12V,
ILOAD =3A
72
%
VOUT
Output voltage
7V≤VIN≤40V
0.2A≤ILOAD≤3A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
FSP3122-5V
η
Efficiency
VIN =12V,
ILOAD =3A
79
%
VOUT
Output voltage
15V≤VIN≤40V
0.2A≤ILOAD≤3A
12
11.52/11.4
12.48/12.6
V
VMIN
VMAX
FSP3122-12V
η
Efficiency
VIN =15V,
ILOAD =3A
90
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25
ºC.


Similar Part No. - FSP3122D33E

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122D33E FOSLINK-FSP3122D33E Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3122D33E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com