Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP4054 Datasheet(PDF) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP4054
Description  Standalone Linear Li-ion Battery Charger with Thermal Regulation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP4054 Datasheet(HTML) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP4054 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP4054 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP4054 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP4054 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP4054 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP4054 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP4054 Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP4054 Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP4054 Datasheet HTML 12Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Standalone Linear Li-ion Battery Charger with Thermal Regulation
2007-7-3
8/15
FSP4054
Moreover, when thermal feedback reduces the charge current, the voltage at the PROG pin is also reduced
proportionally as discussed in the Operation section. It is important to remember that FSP4054 applications do not
need to be designed for worst-case thermal conditions since the IC will automatically reduce power dissipation when
the junction temperature reaches approximately 120°C.
Increasing Thermal Regulation Current
Reducing the voltage drop across the internal MOSFET can significantly decrease the power dissipation in the IC.
This has the effect of increasing the current delivered to the battery during thermal regulation. One method is by
dissipating some of the power through an external component, such as a resistor or diode.
Example: An FSP4054 operating from a 5V wall adapter is programmed to supply 800mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.75V. Assuming θJA is 125°C/W, the approximate charge current at an
ambient temperature of 25°C is:
By dropping voltage across a resistor in series with a 5V wall adapter (shown in Figure 3), the on-chip power
dissipation can be decreased, thus increasing the thermally regulated charge current
Figure 3: A circuit to maximize thermal mode charge current
Solving for IBAT using the quadratic formula.
Using RCC = 0.25W, VS = 5V, VBAT = 3.75V, TA = 25°C and θJA = 125°C/W we can calculate the thermally
regulated charge current to be:
IBAT = 708.4mA
While this application delivers more energy to the battery and reduces charge time in thermal mode, it may actually
lengthen charge time in voltage mode if VCC becomes low enough to put the FSP4054 into dropout. Figure 4 shows
how this circuit can result in dropout as RCC becomes large.
This technique works best when RCC values are minimized to keep component size small and avoid dropout.
Remember to choose a resistor with adequate power handling capability.


Similar Part No. - FSP4054

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP40-ZZAP070M FSP-FSP40-ZZAP070M Datasheet
75Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP070MG FSP-FSP40-ZZAP070MG Datasheet
80Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP1035VG FSP-FSP40-ZZAP1035VG Datasheet
159Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP1070VG FSP-FSP40-ZZAP1070VG Datasheet
160Kb / 1P
   High Efficiency & Long Life
FSP40-ZZAP1105VG FSP-FSP40-ZZAP1105VG Datasheet
159Kb / 1P
   High Efficiency & Long Life
More results

Similar Description - FSP4054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
logo
AiT Semiconductor Inc.
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com