Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP34063SA Datasheet(PDF) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP34063SA
Description  UNIVERSAL DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP34063SA Datasheet(HTML) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP34063SA Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SA Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SA Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SA Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SA Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SA Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SA Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SA Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SA Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UNIVERSAL DC/DC CONVERTER
2007-1-25
8/10
FSP34063
PACKAGE INFORMATION
(1) SOP8L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.60
1.75
0.055
0.063
0.069
A1
0.10
0.25
0..004
0.010
A2
1.30
1.45
1.50
0.051
0.057
0.059
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
5.05
5.30
0.189
0.199
0.209
E
3.70
3.90
4.10
0.146
0.154
0.161
e
1.27
0.050
H
5.79
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
Y
0.10
0.004
θ
0
ο
8
ο
0
ο
8
ο
L
VIEW “A”
e
B
D
Y
7°(4х)
0.015х45°
VIEW “A”
7°(4х)


Similar Part No. - FSP34063SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSP3-277-20KA ETC2-FSP3-277-20KA Datasheet
582Kb / 1P
   Patent-pending 3-Pole Fused In-Line Surge Protectors for LED Drivers
FSP3-480-20KA ETC2-FSP3-480-20KA Datasheet
582Kb / 1P
   Patent-pending 3-Pole Fused In-Line Surge Protectors for LED Drivers
logo
FSP TECHNOLOGY INC.
FSP30-ZZAP050M FSP-FSP30-ZZAP050M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP30-ZZAP060M FSP-FSP30-ZZAP060M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP30-ZZAP070M FSP-FSP30-ZZAP070M Datasheet
94Kb / 1P
   High Efficiency & Long Life
More results

Similar Description - FSP34063SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
   Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
   Universal DC/DC Converter
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
   Universal DC To DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com