Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI20150S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VI20150S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VI20150S Datasheet(HTML) 3 Page - Vishay Siliconix

  VI20150S Datasheet HTML 1Page - Vishay Siliconix VI20150S Datasheet HTML 2Page - Vishay Siliconix VI20150S Datasheet HTML 3Page - Vishay Siliconix VI20150S Datasheet HTML 4Page - Vishay Siliconix VI20150S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
V20150S, VF20150S, VB20150S & VI20150S
Vishay General Semiconductor
Document Number: 89059
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
Figure 5. Typical Junction Capacitance
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.8
1.2
1.6
100
10
1
0.1
T
A = 100 °C
T
A = 25 °C
0.6
1.0
T
A = 150 °C
T
A = 125 °C
1.4
10
20
30
40
50
60
70
80
90
100
1
0.1
0.01
0.0001
100
10
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
0.001
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
100
100
Figure 6. Typical Transient Thermal Impedance
Figure 7. Typical Transient Thermal Impedance
10
1
0.01
0.1
1
10
100
t - Pulse Duration (s)
V(B,I)20150S
Junction to Case
10
0.1
0.01
0.1
1
10
100
t - Pulse Duration (s)
VF20150S
Junction to Case
1


Similar Part No. - VI20150S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VI20150S VISHAY-VI20150S Datasheet
131Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VI20150S VISHAY-VI20150S Datasheet
142Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VI20150S-E3 VISHAY-VI20150S-E3 Datasheet
152Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 13-Aug-13
VI20150S-E3 VISHAY-VI20150S-E3 Datasheet
143Kb / 5P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 13-Aug-13
VI20150S-E3 VISHAY-VI20150S-E3 Datasheet
217Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results

Similar Description - VI20150S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V40150C VISHAY-V40150C Datasheet
168Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 19-May-08
VB20M120C-E3 VISHAY-VB20M120C-E3 Datasheet
92Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 03-Jan-17
V30M120M-E3 VISHAY-V30M120M-E3 Datasheet
100Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 11-May-16
V40150C-E3 VISHAY-V40150C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 13-Dec-16
VF20M120C-M3 VISHAY-VF20M120C-M3 Datasheet
91Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 02-Dec-13
V20M120C VISHAY-V20M120C Datasheet
141Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 13-Dec-16
V40M150C-M3 VISHAY-V40M150C-M3 Datasheet
128Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 10-May-16
VB20150S-M3 VISHAY-VB20150S-M3 Datasheet
89Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5.0 A
Revision: 30-Jun-14
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
Revision: 19-May-08
V30120S VISHAY-V30120S_08 Datasheet
165Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 19-May-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com