Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL210236472E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL210236472E3
Description  Aluminum Capacitors Power High Ripple Current Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210236472E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL210236472E3 Datasheet HTML 1Page - Vishay Siliconix MAL210236472E3 Datasheet HTML 2Page - Vishay Siliconix MAL210236472E3 Datasheet HTML 3Page - Vishay Siliconix MAL210236472E3 Datasheet HTML 4Page - Vishay Siliconix MAL210236472E3 Datasheet HTML 5Page - Vishay Siliconix MAL210236472E3 Datasheet HTML 6Page - Vishay Siliconix MAL210236472E3 Datasheet HTML 7Page - Vishay Siliconix MAL210236472E3 Datasheet HTML 8Page - Vishay Siliconix MAL210236472E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
101/102 PHR-ST
Vishay BCcomponents
Aluminum Capacitors
Power High Ripple Current Screw Terminals
www.vishay.com
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28371
168
Revision: 31-Oct-08
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, cylindrical aluminum case,
insulated with a blue sleeve
• Pressure relief in the sealing
• Long useful life
APPLICATIONS
• Computer, telecom, medical, and industrial systems
• Smoothing and filtering
• Standard and switched mode power supplies
MARKING
The capacitors are marked with the following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• '-' sign to identify the negative terminal, visible from the top
and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
101
102
Nominal case size (Ø D x L in mm)
35 x 60 to 90 x 220
Rated capacitance range
(E6 series), CR
220 µF to 1 F
Tolerance on CR
± 20 %
Rated voltage range, UR
25 to 100 V
200 to 450 V
Category temperature range
- 40 to + 85 °C
Endurance test at 85 °C
2000 h
Useful life at 85 °C
10 000 h
(D
≤ 50 mm)
15 000 h
(D
≥ 65 mm)
10 000 h
Useful life at 40 °C,
1.4 x IR applied
400 000 h
(D
≤ 50 mm)
600 000 h
(D
≥ 65 mm)
400 000 h
Shelf life at 0 V, 85 °C
500 h
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/56
ST
STB
Fig. 1 Component outline
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
25
40
63
100
200
250
350
385
400
450
220
-
-
-
-
-
-
-
35 x 60
35 x 60
35 x 60
330
--
--
--
35 x 60
-
35 x 60
-
--
--
--
--
35 x 80
-
470
-
-
-
-
-
35 x 60
-
35 x 80
35 x 80
-
-
-
-
-
-
-
35 x 80
-
35 x 105
35 x 105
680
-
-
-
-
35 x 60
35 x 80
-
-
35 x 105
-
--
--
--
--
50 x 80
50 x 80
1000
-
-
-
-
35 x 80
35 x 80
-
50 x 80
50 x 80
50 x 80
-
-
-
-
35 x 105
35 x 105
-
-
50 x 105
50 x 105
1500
-
-
-
-
35 x 105
35 x 105
-
-
-
50 x 105
-
-
-
-
50 x 80
50 x 80
50 x 105
50 x 105
50 x 105
65 x 105
2200
-
-
-
35 x 60
50 x 80
50 x 80
50 x 105
-
-
65 x 105
-
-
-
-
-
50 x 105
65 x 105
65 x 105
65 x 105
-
3300
-
-
-
35 x 60
50 x 80
50 x 105
-
-
65 x 105
-
-
-
-
35 x 80
50 x 105
65 x 105
65 x 105
76 x 105
-
76 x 146
4700
-
-
35 x 60
35 x 80
-
65 x 105
76 x 105
76 x 105
-
76 x 146
-
-
-
35 x 105
65 x 105
76 x 105
76 x 146
76 x 146
76 x 146
-
5600
-
-
-
-
-
-
-
-
-
-
6800
-
-
35 x 60
35 x 105
65 x 105
76 x 105
-
-
76 x 146
76 x 220
-
-
35 x 80
50 x 80
76 x 105
76 x 146
76 x 146
76 x 146
-
90 x 146


Similar Part No. - MAL210236472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210412102E3 VISHAY-MAL210412102E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412103E3 VISHAY-MAL210412103E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412152E3 VISHAY-MAL210412152E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412153E3 VISHAY-MAL210412153E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412222E3 VISHAY-MAL210412222E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
More results

Similar Description - MAL210236472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com