Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V60200PG Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V60200PG
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V60200PG Datasheet(HTML) 2 Page - Vishay Siliconix

  V60200PG Datasheet HTML 1Page - Vishay Siliconix V60200PG Datasheet HTML 2Page - Vishay Siliconix V60200PG Datasheet HTML 3Page - Vishay Siliconix V60200PG Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
V60200PG
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89049
Revision: 14-Oct-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
200 (minimum)
-
V
Instantaneous forward voltage per diode (1)
IF = 5 A
IF = 15 A
IF = 30 A
TA = 25 °C
VF
0.69
0.90
1.28
-
-
1.48
V
IF = 5 A
IF = 15 A
IF = 30 A
TA = 125 °C
0.52
0.63
0.73
-
-
0.81
Reverse current per diode (2)
VR = 180 V
TA = 25 °C
TA = 125 °C
IR
3.4
4.6
-
-
µA
mA
VR = 200 V
TA = 25 °C
TA = 125 °C
-
7.5
200
20
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V60200PG
UNIT
Typical thermal resistance per diode
RθJC
1.5
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V60200PG-E3/45
6.06
45
30/tube
Tube
Figure 1. Forward Derating Curve
50
60
40
30
20
10
0
025
50
75
100
125
150
Case Temperature (°C)
Resistive or Inductive Load
70
Mounted on Specific Heatsink
Figure 2. Forward Power Loss Characteristics Per Diode
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
0
0
4
12
16
20
32
4
8
12
16
20
28
36
Average Forward Current (A)
8
24
28
24
32
D = t
p/T
t
p
T


Similar Part No. - V60200PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V60200PGW VISHAY-V60200PGW Datasheet
84Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Feb-10
V60200PGW VISHAY-V60200PGW Datasheet
84Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
02-Oct-12
V60200PGW-M3-4W VISHAY-V60200PGW-M3-4W Datasheet
84Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Feb-10
V60200PGW VISHAY-V60200PGW_V01 Datasheet
84Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
02-Oct-12
More results

Similar Description - V60200PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30M120C VISHAY-V30M120C Datasheet
144Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 17-Nov-16
VF30M120C-M3 VISHAY-VF30M120C-M3 Datasheet
92Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 02-Dec-13
VB30M120C-E3 VISHAY-VB30M120C-E3 Datasheet
93Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 03-Jan-17
VBT2080C-M3 VISHAY-VBT2080C-M3 Datasheet
90Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
VT2080C-E3 VISHAY-VT2080C-E3 Datasheet
158Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-Dec-16
VBT1080S-M3 VISHAY-VBT1080S-M3 Datasheet
90Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
V60170PW-M3 VISHAY-V60170PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 10 A
Revision: 04-Dec-13
V60H150PW-M3 VISHAY-V60H150PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 10 A
Revision: 04-Dec-13
VF20100R VISHAY-VF20100R_15 Datasheet
83Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
Revision: 17-Aug-15
V40D120C-M3 VISHAY-V40D120C-M3 Datasheet
109Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 06-Feb-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com