Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT366 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKT366
Description  DC Film Capacitors MKT Radial Lacquered Type
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT366 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKT366 Datasheet HTML 1Page - Vishay Siliconix MKT366 Datasheet HTML 2Page - Vishay Siliconix MKT366 Datasheet HTML 3Page - Vishay Siliconix MKT366 Datasheet HTML 4Page - Vishay Siliconix MKT366 Datasheet HTML 5Page - Vishay Siliconix MKT366 Datasheet HTML 6Page - Vishay Siliconix MKT366 Datasheet HTML 7Page - Vishay Siliconix MKT366 Datasheet HTML 8Page - Vishay Siliconix MKT366 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Document Number: 28102
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 23-Oct-08
2
MKT 365, MKT 366, MKT 367
DC Film Capacitors
MKT Radial Lacquered Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER: 365
Notes
(1) For detailed tape specifications refer to packaging information: www.vishay.com/docs/28139/packinfo.pdf or end of catalogue
(2) SPQ = Standard Packing Quantity
SPECIFIC REFERENCE DATA: 365
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.47 µF
≤ 75 x 10-4
≤ 130 x 10-4
≤ 225 x 10-4
C > 0.47 µF
≤ 75 x 10-4
≤ 130 x 10-4
-
Rated voltage pulse slope (dU/dt)R at
63 Vdc
100 Vdc
250 Vdc
400 Vdc
110 V/µs
110 V/µs
130 V/µs
170 V/µs
R between leads, for C
≤ 0.33 µF
at 10 V; 1 min
> 15 000 M
Ω
at 100 V; 1 min
> 15 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
RC between leads, for C > 0.33 µF at 10 V; 1 min
> 5000 s
-
R between interconnecting leads and casing, 100 V; 1 min
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
100 V; 1 min
160 V; 1 min
400 V; 1 min
640 V; 1 min
Maximum application temperature
105 °C
BFC2
365
XX
YY
Y
2222 (*)
365
XX
YY
Y
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL.
63 V
100 V
250 V
400 V
365
Ammopack
Kinked leads;
H = 16.0 mm; P0 = 12.7 mm
± 10 %
75
85
-
-
± 5 %
76
86
-
-
Bent back leads;
H = 16.0 mm; P0 = 12.7 mm
± 10 %
15254555
± 5 %
16264656
Dimensions of these code numbers stay between brackets
Taped on reel (1)
Kinked leads;
H = 16.0 mm; P0 = 12.7 mm
± 10 %
71
81
-
-
± 5 %
72
82
-
-
Bent back leads;
H = 16.0 mm; P0 = 12.7 mm
± 10 %
11214151
± 5 %
12224252
Dimensions of these code numbers stay between brackets
CAPACITANCE
(numerically)
TYPE AND PITCHES
365
5.0 mm
Example:
104 = 10 x 10 = 100 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
(*) Old ordering number


Similar Part No. - MKT366

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
logo
List of Unclassifed Man...
MKT366 ETC2-MKT366 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
Vishay Siliconix
MKT366 VISHAY-MKT366 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
More results

Similar Description - MKT366

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com