Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-012N002A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD-012N002A
Description  12 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-012N002A Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-012N002A Datasheet HTML 1Page - Vishay Siliconix LCD-012N002A Datasheet HTML 2Page - Vishay Siliconix LCD-012N002A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD-012N002A
Vishay
Document Number: 37213
For Technical Questions, Contact: Displays@Vishay.com
www.vishay.com
Revision: 18-Jun-07
1
12 x 2 Character LCD
FEATURES
5 x 8 dots with cursor
• Built - in controller (KS 0066 or Equivalent)
• + 5 V power supply
• 1/16 duty cycle
• B/L to be driven by pin 1, pin 2, or A.K (LED)
• RoHS compliant
NOTE: VSS = 0 V, VDD = 5.0 V
RoHS
COMPLIANT
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
55.7 x 32.0
mm
Viewing Area
46.0 x 14.5
mm
Dot Size
0.45 x 0.60
mm
Character Size
2.65 x 5.50
mm
Mounting Hole
31.2 x 30.0
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
- 0.3
-
7.0
V
Input Voltage
VI
- 0.3
-
VDD
V
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5 V
4.7
5.0
5.3
V
Supply Current
IDD
VDD = + 5 V
-
1.5
3.0
mA
Recommended LC Driving
Voltage for Normal Temp.
Version Module
VDD - V0
- 20 °C
-
1.3
1.5
V
0 °C
4.9
5.2
5.5
25 °C
4.1
4.4
4.7
50 °C
3.8
4.2
4.4
70 °C
-
-
-
LED Forward Voltage
VF
25 °C
-
4.2
4.6
V
LED Forward Current
IF
25 °C
-
40
80
mA
DISPLAY CHARACTER ADDRESS CODE:
Display Position
12
345
67
8
DD RAM Address
00
01
07
DD RAM Address
40
41
47


Similar Part No. - LCD-012N002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-012N002A VISHAY-LCD-012N002A Datasheet
72Kb / 3P
   12 x 2 Character LCD
01-Jan-2022
LCD-012N002A VISHAY-LCD-012N002A Datasheet
72Kb / 3P
   12 x 2 Character LCD
01-Jan-2023
LCD-012N002A VISHAY-LCD-012N002A_V01 Datasheet
72Kb / 3P
   12 x 2 Character LCD
01-Jan-2022
LCD-012N002A VISHAY-LCD-012N002A_V02 Datasheet
72Kb / 3P
   12 x 2 Character LCD
01-Jan-2023
More results

Similar Description - LCD-012N002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-012N002A VISHAY-LCD-012N002A_V01 Datasheet
72Kb / 3P
   12 x 2 Character LCD
01-Jan-2022
LCD-012N002A VISHAY-LCD-012N002A_V02 Datasheet
72Kb / 3P
   12 x 2 Character LCD
01-Jan-2023
logo
List of Unclassifed Man...
CM1223 ETC2-CM1223 Datasheet
346Kb / 1P
   12 X 2 LCD CHARACTER MODULE
logo
Vishay Siliconix
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002T VISHAY-LCD-016N002T Datasheet
70Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-008N002A1 VISHAY-LCD-008N002A1 Datasheet
67Kb / 3P
   8 x 2 Character LCD
Revision: 19-Jul-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com