Electronic Components Datasheet Search |
|
PSD4135F1-12B81I Datasheet(PDF) 8 Page - STMicroelectronics |
|
PSD4135F1-12B81I Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 93 page Preliminary Information PSD4000 Series 5 PSD4000 devices contain several major functional blocks. Figure 1 on page 3 shows the architecture of the PSD4000 device family. The functions of each block are described briefly in the following sections. Many of the blocks perform multiple functions and are user configurable. 4.1 Memory The PSD4000 contains the following memories: • 4 Mbit Flash • A secondary 256 Kbit Flash memory for boot or data • 64 Kbit SRAM. Each of the memories is briefly discussed in the following paragraphs. A more detailed discussion can be found in section 9. The 4 Mbit Flash is the main memory of the PSD4000. It is divided into eight equally-sized sectors that are individually selectable. The 256 Kbit secondary Flash memory is divided into four equally-sized sectors. Each sector is individually selectable. The 64 Kbit SRAM is intended for use as a scratchpad memory or as an extension to the microcontroller SRAM. If an external battery is connected to the PSD4000’s Vstby pin, data will be retained in the event of a power failure. Each block of memory can be located in a different address space as defined by the user. The access times for all memory types includes the address latching and DPLD decoding time. 4.2 PLDs The device contains two PLD blocks, each optimized for a different function, as shown in Table 2. The functional partitioning of the PLDs reduces power consumption, optimizes cost/performance, and eases design entry. The Decode PLD (DPLD) is used to decode addresses and generate chip selects for the PSD4000 internal memory and registers. The General Purpose PLD (GPLD) can implement user-defined external chip selects and logic functions. The PLDs receive their inputs from the PLD Input Bus and are differentiated by their output destinations, number of Product Terms. The PLDs consume minimal power by using Zero-Power design techniques. The speed and power consumption of the PLD is controlled by the Turbo Bit in the PMMR0 register and other bits in the PMMR2 registers. These registers are set by the microcontroller at runtime. There is a slight penalty to PLD propagation time when invoking the non-Turbo bit. 4.3 I/O Ports The PSD4000 has 52 I/O pins divided among seven ports (Port A, B, C, D, E, F and G). Each I/O pin can be individually configured for different functions. Ports can be configured as standard MCU I/O ports, PLD I/O, or latched address outputs for microcontrollers using multiplexed address/data busses. The JTAG pins can be enabled on Port E for In-System Programming (ISP). Ports F and G can also be configured as a data port for a non-multiplexed bus. 4.4 Microcontroller Bus Interface The PSD4000 easily interfaces with most 16-bit microcontrollers that have either multiplexed or non-multiplexed address/data busses. The device is configured to respond to the microcontroller’s control signals, which are also used as inputs to the PLDs. Section 9.3.5 contains microcontroller interface examples. 4.0 PSD4000 Architectural Overview Name Abbreviation Inputs Outputs Product Terms Decode PLD DPLD 66 14 40 General PLD GPLD 66 24 136 Table 2. PLD I/O Table |
Similar Part No. - PSD4135F1-12B81I |
|
Similar Description - PSD4135F1-12B81I |