Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

202D807X0060A1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 202D807X0060A1
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

202D807X0060A1 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 202D807X0060A1 Datasheet HTML 3Page - Vishay Siliconix 202D807X0060A1 Datasheet HTML 4Page - Vishay Siliconix 202D807X0060A1 Datasheet HTML 5Page - Vishay Siliconix 202D807X0060A1 Datasheet HTML 6Page - Vishay Siliconix 202D807X0060A1 Datasheet HTML 7Page - Vishay Siliconix 202D807X0060A1 Datasheet HTML 8Page - Vishay Siliconix 202D807X0060A1 Datasheet HTML 9Page - Vishay Siliconix 202D807X0060A1 Datasheet HTML 10Page - Vishay Siliconix 202D807X0060A1 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40027
112
Revision: 14-Oct-05
200D, 202D
Vishay
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX® Components
TANTAPAK® Capacitor Assemblies
04021 RATINGS AND CASE CODES
DSCC
DRAWING
04021
CAPACITANCE
(µF)
CASE CODE
MAX. DCL µA
MAX.
IMPEDANCE
Ω
25 °C
85 °C
and 125 °C
15 VDC at 85 °C RATED
17.2 VDC at 85 °C SURGE
10 VDC at 125 °C DERATED
04021-01
960
A1
7
58
3.10
04021-02
1200
A2
9
72
2.30
04021-03
1400
A3
11
84
1.70
04021-04
2100
A4
16
126
1.30
04021-05
2400
A5
18
144
1.15
30 VDC at 85 °C RATED
34.5 VDC at 85 °C SURGE
20 VDC at 125 °C DERATED
04021-06
520
A1
8
63
5.30
04021-07
660
A2
10
80
4.20
04021-08
820
A3
13
99
2.90
04021-09
1200
A4
18
144
2.30
04021-10
1300
A5
20
156
2.10
50 VDC at 85 °C RATED
57.5 VDC at 85 °C SURGE
30 VDC at 125 °C DERATED
04021-11
400
A1
10
80
7.20
04021-12
430
A1
10
78
6.40
04021-13
500
A2
13
100
5.60
04021-14
600
A3
15
120
4.10
04021-15
800
A4
20
160
3.10
04021-16
1000
A5
23
180
2.80
75 VDC at 85 °C RATED
86.2 VDC at 85 °C SURGE
50 VDC at 125 °C DERATED
04021-17
270
A1
9
81
8.50
04021-18
330
A2
12
99
7.00
04021-19
400
A3
15
119
5.00
04021-20
600
A4
20
180
3.65
04021-21
660
A5
23
198
3.50
100 VDC at 85 °C RATED
115.0 VDC at 85 °C SURGE
65 VDC at 125 °C DERATED
04021-22
170
A1
9
68
15.00
04021-23
220
A2
11
88
11.60
04021-24
260
A3
13
104
8.00
04021-25
350
A4
18
140
6.50
04021-26
440
A5
22
176
5.80
150 VDC at 85 °C RATED
172.0 VDC at 85 °C SURGE
100 VDC at 125 °C DERATED
04021-27
70
A1
6
42
28.80
04021-28
90
A2
7
54
22.40
04021-29
100
A3
9
60
16.40
04021-30
140
A4
11
84
12.40
04021-31
180
A5
14
104
11.20
ORDERING INFORMATION - DSCC PART NUMBER
04021
-29
DSCC
DRAWING
NUMBER
DASH
NUMBER
DEFENSE SUPPLY CENTER,
COLUMBUS COLUMBUS, OHIO
DRAWING NO.
04021


Similar Part No. - 202D807X0060A1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202D807X0060A1 VISHAY-202D807X0060A1 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results

Similar Description - 202D807X0060A1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com