Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT373 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKT373
Description  Metallized Polyester Film Capacitors MKT Radial Potted Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT373 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKT373 Datasheet HTML 1Page - Vishay Siliconix MKT373 Datasheet HTML 2Page - Vishay Siliconix MKT373 Datasheet HTML 3Page - Vishay Siliconix MKT373 Datasheet HTML 4Page - Vishay Siliconix MKT373 Datasheet HTML 5Page - Vishay Siliconix MKT373 Datasheet HTML 6Page - Vishay Siliconix MKT373 Datasheet HTML 7Page - Vishay Siliconix MKT373 Datasheet HTML 8Page - Vishay Siliconix MKT373 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 28111
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
125
MKT 373 Standard Size
Metallized Polyester Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
URdc = 100 V; URac = 63 V (standard size)
URdc = 250 V; URac = 160 V (standard size)
C
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 373 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
= 5.0 ± 1.0 mm
C-tol
=± 10 %
LAST 5 DIGITS OF CATALOG
NUMBER
SPQ
SPQ
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.33
5.0
× 11.0 × 17.5
1.1
21334
1000
1100
0.39
21394
0.47
21474
0.56
21564
0.68
21684
0.82
6.0
× 12.0 × 17.5
1.4
21824
1000
900
1
21105
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
1.2
7.0
× 13.5 × 17.5
1.9
21125
1000
800
1.5
21155
1.8
8.5
× 15.0 × 17.5
2.6
21185
1000
650
2.2
21225
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
2.7
8.5
× 18.0 × 26.0
4.4
21275
200
450
3.3
21335
3.9
10.0
× 19.5 × 26.0
5.5
21395
200
350
4.7
21475
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
5.6
11.0
× 21.0 × 31.0
8.0
21565
100
6.8
21685
8.2
13.0
× 23.0 × 31.0
10.5
21825
100
10
21106
12
18.0
× 28.0 × 31.0
17.5
21126
100
15
21156
C
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 373 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
= 5.0 ± 1.0 mm
C-tol
=± 10 %
LAST 5 DIGITS OF CATALOG
NUMBER
SPQ
SPQ
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.15
5.0
× 11.0 × 17.5
1.1
41154
1000
1100
0.18
41184
0.22
41224
0.27
6.0
× 12.0 × 17.5
1.4
41274
1000
900
0.33
41334
0.39
41394
0.47
41474
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.56
7.0
× 13.5 × 17.5
1.9
41564
1000
800
0.68
41684


Similar Part No. - MKT373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT373 PHILIPS-MKT373 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Vishay Siliconix
MKT373 VISHAY-MKT373 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT373 VISHAY-MKT373 Datasheet
187Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results

Similar Description - MKT373

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
BTM510 VISHAY-BTM510 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
BFC237261223 VISHAY-BFC237261223 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
MKT470 VISHAY-MKT470 Datasheet
221Kb / 6P
   Metallizd Polyester Film Capacitors MKT Radial Potted Type
Revision: 07-Jul-05
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com