Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-040M002A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD-040M002A
Description  40 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-040M002A Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-040M002A Datasheet HTML 1Page - Vishay Siliconix LCD-040M002A Datasheet HTML 2Page - Vishay Siliconix LCD-040M002A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
63
LCD-040M002A
Vishay
Document Number: 37228
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
FEATURES
• 5 x 8 dots with cursor
• Built-in controller (KS 0066 or Equivalent)
• + 5V power supply (Also available for + 3V)
• 1/16 duty cycle
• B/L to be driven by pin 1, pin 2 or pin 15, pin 16 or A.K (LED)
• N.V. optional for + 3V power supply
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
182.0 x 33.5
mm
Viewing Area
154.4 x 16.5
mm
Dot Size
0.6 x 0.65
mm
Character Size
3.2 x 5.55
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
- 0.3
7.0
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
40 x 2 Character LCD
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5V
4.7
5.0
5.3
V
VDD = + 3V
2.7
3.0
5.3
V
Supply Current
IDD
VDD = 5V
6.0
8.0
mA
- 20
°C
5.0
5.1
5.7
Recommended LC Driving
VDD - V0
0
°C
4.6
4.8
5.2
Voltage for Normal Temp.
25
°C
4.1
4.5
4.7
V
Version Module
50
°C
3.9
4.2
4.5
70
°C
3.7
3.9
4.5
LED Forward Voltage
VF
25
°C
4.2
4.6
V
LED Forward Current
IF
25
°C
280
560
mA
EL Power Supply Current
IEL
Vel = 110VAC:400Hz
5.0
mA
Display Position
DD RAM Address
DD RAM Address
DISPLAY CHARACTER ADDRESS CODE:
00
01
27
40
41
67
1
2
3
4
5
6
7
8
9
39
40


Similar Part No. - LCD-040M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-040M004A VISHAY-LCD-040M004A Datasheet
115Kb / 3P
   40 x 4 Character LCD
Revision 01-Oct-02
More results

Similar Description - LCD-040M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-040N002A VISHAY-LCD-040N002A Datasheet
78Kb / 3P
   40 x 2 Character LCD
Revision: 09-Oct-12
LCD-040N002A VISHAY-LCD-040N002A_V01 Datasheet
75Kb / 3P
   40 x 2 Character LCD
01-Jan-2022
LCD-040N002A VISHAY-LCD-040N002A_V02 Datasheet
75Kb / 3P
   40 x 2 Character LCD
01-Jan-2023
logo
List of Unclassifed Man...
LCC-40K2 ETC2-LCC-40K2 Datasheet
106Kb / 1P
   LCD Character Module 40 x 2
WH4002 ETC-WH4002 Datasheet
303Kb / 1P
   LCD MODULE CHARACTER 40 X 2
logo
Vishay Siliconix
LCD-040N004A VISHAY-LCD-040N004A Datasheet
77Kb / 3P
   40 x 4 Character LCD
Revision: 09-Oct-12
LCD-040N004A VISHAY-LCD-040N004A_V02 Datasheet
74Kb / 3P
   40 x 4 Character LCD
01-Jan-2023
LCD-040M004A VISHAY-LCD-040M004A Datasheet
115Kb / 3P
   40 x 4 Character LCD
Revision 01-Oct-02
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com