Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT467 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MKT467
Description  DC Film Capacitor MKT Radial Lacquered Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT467 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MKT467 Datasheet HTML 3Page - Vishay Siliconix MKT467 Datasheet HTML 4Page - Vishay Siliconix MKT467 Datasheet HTML 5Page - Vishay Siliconix MKT467 Datasheet HTML 6Page - Vishay Siliconix MKT467 Datasheet HTML 7Page - Vishay Siliconix MKT467 Datasheet HTML 8Page - Vishay Siliconix MKT467 Datasheet HTML 9Page - Vishay Siliconix MKT467 Datasheet HTML 10Page - Vishay Siliconix MKT467 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MKT 467, 468, 469
Vishay BCcomponents
DC Film Capacitor
MKT Radial Lacquered Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28105
7
Revision: 23-Oct-08
COMPOSITION OF CATALOG NUMBER: 468
Notes
(1) For detailed tape specifications refer to packaging information: www.vishay.com/docs/28139/packinfo.pdf or end of catalogue
(2) Small reel diameter = 356 mm is available on request
SPECIFIC REFERENCE DATA: 468
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.1 µF
≤ 75 x 10-4
≤ 120 x 10-4
≤ 200 x 10-4
0.1 µF < C
≤ 0.47 µF
≤ 75 x 10-4
≤ 120 x 10-4
≤ 225 x 10-4
0.47 µF < C
≤ 10 µF
≤ 75 x 10-4
≤ 150 x 10-4
-
Rated voltage pulse slope (dU/dt)R at
100 Vdc
250 Vdc
400 Vdc
630 Vdc
Imax. = 12.5 mm
30 V/µs
120 V/µs
170 V/µs
120 V/µs
Imax. = 17.5 mm
20 V/µs
45 V/µs
65 V/µs
90 V/µs
Imax. = 26.0 mm
10 V/µs
20 V/µs
30 V/µs
35 V/µs
Imax. = 30.0 mm
15 V/µs
25 V/µs
30 V/µs
R between leads, for C
≤ 0.33 µF
at 100 V; 1 min
> 15 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
at 500 V; 1 min
> 30 000 M
Ω
R between leads, for C >0.33 µF
at 100 V; 1 min
> 5000 s
> 10 000 s
> 10 000 s
at 500 V; 1 min
> 10 000 s
R between interconnecting leads and casing,
at 100 V; 1 min
> 30 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
at 500 V; 1 min
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
160 V; 1 min
400 V; 1 min
640 V; 1 min
1008 V; 1 min
Withstanding (DC) voltage between leads and case
200 V; 1 min
500 V; 1 min
800 V; 1 min
1260 V; 1 min
Maximum application temperature
105 °C
BFC2
468
XX
YY
Y
2222 (*)
468
XX
YY
Y
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL.
100 V
250 V
400 V
630 V
MKT 468
Loose in box
Lead length 3.5 + 1.0/- 0.5 mm
(Pitch 10 and 15 mm)
Lead length 3.5 ± 0.5 mm
(Pitch 22.5 and 27.5 mm)
± 10 %
041628
40
± 5 %
051729
41
Long leads:
19.0 ± 4.0 mm for lead pitch = 15.0 mm
25.0 ± 4.0 mm for lead pitch = 22.5 mm
24.0 ± 4.0 mm for lead pitch = 27.5 mm
± 10 %
515355
57
± 5 %
525456
58
Taped on reel (1)
(bent back)
H = 16.0 mm; P0 = 15.0 mm
Reel diameter = 500 mm (2)
± 10 %
616365
67
± 5 %
626466
68
Dimensions of these code numbers stay between brackets
Taped on reel (1)
H = 16.0 mm; P0 = 12.7 mm
Reel diameter = 500 mm
± 10 %
061830
42
5 %
071931
43
CAPACITANCE
(numerically)
TYPE AND PITCHES
468
15.0/7.5 mm
15.0 mm
22.5 mm
27.5 mm
Example:
104 = 10 x 10 = 100 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
(*) Old ordering number


Similar Part No. - MKT467

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
logo
List of Unclassifed Man...
MKT467 ETC2-MKT467 Datasheet
1Mb / 39P
   Metallized polyester film capacitors
More results

Similar Description - MKT467

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT365 VISHAY-MKT365_08 Datasheet
192Kb / 23P
   DC Film Capacitors MKT Radial Lacquered Type
Revision: 23-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com