Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT468 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKT468
Description  DC Film Capacitor MKT Radial Lacquered Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT468 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKT468 Datasheet HTML 6Page - Vishay Siliconix MKT468 Datasheet HTML 7Page - Vishay Siliconix MKT468 Datasheet HTML 8Page - Vishay Siliconix MKT468 Datasheet HTML 9Page - Vishay Siliconix MKT468 Datasheet HTML 10Page - Vishay Siliconix MKT468 Datasheet HTML 11Page - Vishay Siliconix MKT468 Datasheet HTML 12Page - Vishay Siliconix MKT468 Datasheet HTML 13Page - Vishay Siliconix MKT468 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Document Number: 28105
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 23-Oct-08
10
MKT 467, 468, 469
DC Film Capacitor
MKT Radial Lacquered Type
Vishay BCcomponents
URdc = 400 V; URac = 220 V
Note
(1) Net weight for short lead product only
C
(µF)
DIMENSIONS
wmax. x h (h’)max. xlmax.
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 468..... AND PACKAGING
LOOSE IN BOX
REEL
H = 16.0 mm
C-VALUE
Original pitch
Bent back pitch
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 15.0 ± 0.4 mm; dt = 0.80 ± 0.08 mm
lt = 3.5 + 1.0/- 0.5 mm
lt = 19.0 ± 4.0 mm
P = 15 mm
P0 = 12.7 mm
P = 7.5 mm
P0 = 15.0 mm
0.12
5.0 x 14.0 (15.5) x 17.5
0.80
28...
(2000)
29...
(2000)
55...
(1250)
56...
(1250)
30...
(1200)
31...
(1200)
65...
(1000)
66...
(1000)
124
0.15
5.8 x 15.0 (16.5) x 17.5
0.95
28...
(1750)
29...
(1750)
55...
(1250)
56...
(1250)
30...
(1100)
31...
(1100)
65...
(850)
66...
(850)
154
0.18
6.5 x 15.5 (17.0) x 17.5
1.15
28...
(1500)
29...
(1500)
55...
(1000)
56...
(1000)
30...
(900)
31...
(900)
65...
(750)
66...
(750)
184
0.22
7.0 x 16.0 (17.5) x 17.5
1.25
28...
(1500)
29...
(1500)
55...
(1000)
56...
(1000)
30...
(800)
31...
(800)
65...
(700)
66...
(700)
224
0.27
7.4 x 16.5 (18.0) x 17.5
1.28
28...
(1250)
29...
(1250)
55...
(1250)
56...
(1250)
30...
(800)
31...
(800)
65...
(650)
66...
(650)
274
0.33
8.5 x 17.5 (19.0) x 17.5
1.70
28...
(1000)
29...
(1000)
55...
(1000)
56...
(1000)
30...
(700)
31...
(700)
65...
(550)
66...
(550)
334
0.39
7.4 x 19.5 (21.0) x 17.5
2.00
28...
(1000)
29...
(1000)
55...
(1000)
56...
(1000)
30...
(800)
31...
(800)
65...
(650)
66...
(650)
394
0.47
8.4 x 20.5 (22.0) x 17.5
2.10
28...
(750)
29...
(750)
55...
(850)
56...
(850)
30...
(700)
31...
(700)
65...
(550)
66...
(550)
474
Pitch = 22.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
lt = 3.5 ± 0.5 mm
lt = 25.0 ± 4.0 mm
P = 22.5 mm
P0 = 12.7 mm
P = 7.5 mm
P0 = 15.0 mm
0.56
7.0 x 19.5 x 26.0
2.5
28...
(1000)
29...
(1000)
55...
(650)
56...
(650)
30...
(550)
28...
(550)
-
564
0.68
8.0 x 21.0 x 26.0
2.8
28...
(750)
29...
(750)
55...
(500)
56...
(500)
30...
(500)
28...
(500)
684
0.82
9.0 x 22.0 x 26.0
3.3
28...
(750)
29...
(750)
55...
(500)
56...
(500)
30...
(450)
28...
(450)
824
1.0
9.9 x 23.0 x 26.0
3.5
28...
(750)
29...
(750)
55...
(450)
56...
(450)
30...
(400)
28...
(400)
105
1.2
11.0 x 24.0 x 26.0
4.0
28...
(500)
29...
(500)
55...
(400)
56...
(400)
30...
(350)
28...
(350)
125
Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm; A = 2.5 + 1.4/- 0.5 mm
lt = 3.5 ± 0.5 mm
lt = 24.0 ± 4.0 mm
P = 27.5 mm
P0 = 12.7 mm
P = 7.5 mm
P0 = 15.0 mm
1.5
11.5 x 24.5 x 30.0
5.8
28...
(450)
29...
(450)
55...
(300)
56...
(300)
--
155
1.8
12.5 x 25.5 x 30.0
6.4
28...
(350)
29...
(350)
55...
(250)
56...
(250)
185
2.2
14.0 x 27.0 x 30.0
7.3
28...
(300)
29...
(300)
55...
(200)
56...
(200)
225


Similar Part No. - MKT468

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKT468 ETC2-MKT468 Datasheet
1Mb / 39P
   Metallized polyester film capacitors
logo
Vishay Siliconix
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results

Similar Description - MKT468

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT365 VISHAY-MKT365_08 Datasheet
192Kb / 23P
   DC Film Capacitors MKT Radial Lacquered Type
Revision: 23-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com