Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKT1813-422-014-R Datasheet HTML 2Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 3Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 06-Oct-08
6
MKT 1813
Metallized Polyester Film Capacitor
MKT Axial Type
Vishay BCcomponents
Nominal voltage (AC and DC) as a function of temperature
U = f(TA), TLL ≤ TA ≤ TUL
Capacitance as a function of temperature
ΔC/C = f(T
A), TLL ≤ TA ≤ TUL
Capacitance as function of frequency
ΔC/C = f(f), 100 Hz ≤ f ≤ 1 MHz
Dissipation factor as function of temperature
Δtan δ/tan δ = f(T
A), TLL ≤ TA ≤ TUL
Insulation resistance as a function of temperature
Ris = f(TA), TLL ≤ TA ≤ TUL
Dissipation factor as a function of frequency
Δtan δ/tan δ = f(f),100 Hz ≤ f ≤ 1 MHz
L
1.2
1.0
0.8
0.6
0.4
0.2
0.0
- 60
- 20
20
60
100
T
amb (°C)
12
10
8
6
4
2
0
- 2
- 4
- 6
- 8
- 60
- 40
- 20
0
20
40
60
80
100
120
140
T
amb (°C)
Capacitance vs. Temperature
ΔC/C = f (ϑ)
ΔC
C
= f (f)
2
1
0
- 1
- 2
- 3
- 5
- 4
- 6
f (Hz)
Capacitance Change vs. Frequency
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
12
10
8
6
4
2
0
T
amb (°C)
- 60
- 40
- 20
0
20
40
60
80
100
120
140
16
14
Dissipation Factor (1 kHz) vs. Temperature tan
δ = f (ϑ)
T
amb (°C)
10
5
10
3
10
2
10
1
10
0
10
4
20
40
60
80
100
125
100
7
5
3
2
10
7
5
3
2
1
7
5
3
2
0.1
f (Hz)
Dissipation Factor vs. Frequency tan
δ = f (f)
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5


Similar Part No. - MKT1813-422-014-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813-422-014-R VISHAY-MKT1813-422-014-R Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014-R VISHAY-MKT1813-422-014-R Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT1813-422-014-R

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS04A SUNTAN-TS04A Datasheet
330Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04A SUNTAN-TS04A_17 Datasheet
362Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B Datasheet
459Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B_17 Datasheet
468Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com