Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

715C20DKD10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 715C20DKD10
Description  High Voltage Disc Capacitors, Screw Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

715C20DKD10 Datasheet(HTML) 2 Page - Vishay Siliconix

  715C20DKD10 Datasheet HTML 1Page - Vishay Siliconix 715C20DKD10 Datasheet HTML 2Page - Vishay Siliconix 715C20DKD10 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
715C..DK
Vishay Cera-Mite
High Voltage Disc Capacitors, Screw Mounting
www.vishay.com
For technical questions, contact: powcap@vishay.com
Document Number: 22168
2
Revision: 21-Aug-08
CAPACITANCE TOLERANCES: - 20 + 80 %
MODEL
CERAMIC
CAPACITANCE VALUES
[pF]
RATED
VOLTAGE
[kVDC]
RATED
VOLTAGE
[kVRMS]
Dmax.
Hmax.
715C15DK...
715C15DKD15
Y5U
1500
15
4
26.7 (1.05)
22.9 (0.90)
715C15DKD20
2000
33.0 (1.30)
22.9 (0.90)
715C15DKD33
3300
39.4 (1.55)
22.9 (0.90)
715C15DKD47
4700
33.0 (1.30)
22.9 (0.90)
715C15DKS10
10 000
45.7 (1.80)
22.9 (0.90)
715C20DK...
715C20DKT50
Y5U
500
20
5
22.4 (0.88)
25.4 (1.00)
715C20DKD10
1000
33.0 (1.30)
25.4 (1.00)
715C20DKD13
1300
33.0 (1.30)
25.4 (1.00)
715C20DKD25
2500
39.4 (1.55)
25.4 (1.00)
715C20DKD33
3300
45.7(1.80)
25.4 (1.00)
715C20DKD47
4700
54.1 (2.13)
25.4 (1.00)
715C20DKD68
6800
61.5 (2.42)
25.4 (1.00)
715C30DK...
715C30DKT50
Y5U
500
30
7
26.7 (1.05)
34.5 (1.36)
715C30DKD10
1000
33.0 (1.30)
30.0 (1.18)
715C30DKD25
2500
45.7 (1.80)
30.0 (1.18)
715C30DKD33
3300
54.1 (2.13)
30.0 (1.18)
715C30DKD47
4700
61.5 (2.42)
30.0 (1.18)
715C40DK...
715C40DKT30
Y5U
300
40
9
22.4 (0.88)
34.5 (1.36)
715C40DKT50
500
26.7 (1.05)
34.5 (1.36)
715C40DKT78
780
33.0 (1.30)
34.5 (1.36)
715C40DKD10
1000
39.4 (1.55)
34.5 (1.36)
715C40DKD16
1600
45.7 (1.80)
34.5 (1.36)
715C40DKD25
2500
54.1 (2.13)
34.5 (1.36)
715C40DKD33
3300
58.4 (2.30)
34.5 (1.36)


Similar Part No. - 715C20DKD10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
715C20DKD10 VISHAY-715C20DKD10 Datasheet
92Kb / 4P
   High Voltage Class 2 Ceramic DC Disc Capacitors, 10 kVDC to 40 kVDC / 3.5 kVAC to 14 kVAC, Screw Terminal Mounting
07-Mar-2019
More results

Similar Description - 715C20DKD10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPD VISHAY-HPD Datasheet
112Kb / 2P
   High Voltage Disc Capcitors, Screw mounting
Revision: 21-Feb-02
HPC VISHAY-HPC Datasheet
87Kb / 4P
   High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
Revision: 11-Sep-15
715C-DK VISHAY-715C-DK Datasheet
84Kb / 4P
   High Voltage Class 2 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 15 kVDC to 40 kVDC
Revision: 19-Jan-17
715C-KT VISHAY-715C-KT Datasheet
84Kb / 4P
   High Voltage Class 1 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 10 kVDC to 40 kVDC
Revision: 19-Jan-17
logo
Panasonic Semiconductor
ECK-D3A681KBP PANASONIC-ECK-D3A681KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECK-D3A102KBP PANASONIC-ECK-D3A102KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECK-D3A221KBP PANASONIC-ECK-D3A221KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
logo
Vishay Siliconix
RD030100 VISHAY-RD030100 Datasheet
135Kb / 3P
   Tubular Capacitors, Screw & Band Mounting
Revision: 21-Feb-02
DBZ012058 VISHAY-DBZ012058 Datasheet
155Kb / 2P
   Feed-Through Capacitors,Screw Mounting
Revision: 19-Feb-02
HY935 VISHAY-HY935 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com