Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1013R-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1013R-T1-E3
Description  P-Channel 1.8-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1013R-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1013R-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1013R-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1013R-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1013R-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1013R-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1013R-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 71167
S-81444-Rev. C, 23-Jun-08
Vishay Siliconix
Si1013R/X
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
For the following graphs, P-Channel negative polarities for all voltage and current values are represented as positive values.
SPECIFICATIONS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 1
± 2
µA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V
- 0.3
- 100
nA
VDS = - 16 V, VGS = 0 V, TJ = 85 °C
- 5
µA
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 4.5 V
- 700
mA
Drain-Source On-State
Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 350 mA
0.8
1.2
Ω
VGS = - 2.5 V, ID = - 300 mA
1.2
1.6
VGS = - 1.8 V, ID = - 150 mA
1.8
2.7
Forward Transconductancea
gfs
VDS= - 10 V, ID = - 250 mA
0.4
S
Diode Forward Voltagea
VSD
IS = - 150 mA, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V, ID = - 250 mA
1500
pC
Gate-Source Charge
Qgs
150
Gate-Drain Charge
Qgd
450
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 47 Ω
ID ≅ - 200 mA, VGEN = - 4.5 V, RG = 10 Ω
5
ns
Rise Time
tr
9
Turn-Off Delay Time
td(off)
35
Fall Time
tf
11
Output Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 3 V
2 V
VDS - Drain-to-Source Voltage (V)
1.8 V
2.5 V
Transfer Characteristics
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TJ = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI1013R-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Si1013R-T1-GE3 VISHAY-Si1013R-T1-GE3 Datasheet
158Kb / 8P
   P-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
More results

Similar Description - SI1013R-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com