Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1021R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1021R
Description  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1021R Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1021R_08 Datasheet HTML 1Page - Vishay Siliconix SI1021R_08 Datasheet HTML 2Page - Vishay Siliconix SI1021R_08 Datasheet HTML 3Page - Vishay Siliconix SI1021R_08 Datasheet HTML 4Page - Vishay Siliconix SI1021R_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si1021R
Document Number: 71410
S-81543-Rev. D, 07-Jul-08
www.vishay.com
1
P-Channel 60-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
•TrenchFET® Power MOSFETs
High-Side Switching
Low On-Resistance: 4
Ω
Low Threshold: - 2 V (typ.)
Fast Switching Speed: 20 ns (typ.)
Low Input Capacitance: 20 pF (typ.)
Miniature Package
ESD Protected: 2000 V
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories, Transistors, etc.
Battery Operated Systems
Power Supply Converter Circuits
Solid-State Relays
BENEFITS
Ease in Driving Switches
Low Offset Voltage
Low-Voltage Operation
High-Speed Circuits
Easily Driven without Buffer
Small Board Area
PRODUCT SUMMARY
VDS(min.) (V)
RDS(on) (Ω)VGS(th) (V)
ID (mA)
- 60
4.0 at VGS = - 10 V
- 1 to 3.0
- 190
Notes:
a. Surface mounted on FR4 board.
b. Pulse width limited by maximum junction temperature.
Marking Code: F
SC-75A
(SOT-416)
Top View
2
1
S
D
G
3
Ordering Information: Si1021R-T1-E3 (Lead (Pb)-free)
Si1021R-T1-GE3 (Lead (Pb)-free and Halogen-free)
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 190
mA
TA = 85 °C
- 135
Pulsed Drain Currentb
IDM
- 650
Power Dissipationa
TA = 25 °C
PD
250
mW
TA = 85 °C
130
Maximum Junction-to-Ambienta
RthJA
500
°C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
RoHS
COMPLIANT


Similar Part No. - SI1021R_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1021R VISHAY-SI1021R_17 Datasheet
158Kb / 7P
   P-Channel 60 V (D-S) MOSFET
Rev. F, 22-Nov-10
SI1021R VISHAY-SI1021R_V01 Datasheet
156Kb / 7P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1021R_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com