Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1054X Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1054X
Description  N-Channel 12-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1054X Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1054X Datasheet HTML 1Page - Vishay Siliconix SI1054X Datasheet HTML 2Page - Vishay Siliconix SI1054X Datasheet HTML 3Page - Vishay Siliconix SI1054X Datasheet HTML 4Page - Vishay Siliconix SI1054X Datasheet HTML 5Page - Vishay Siliconix SI1054X Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 69579
S-80641-Rev. B, 24-Mar-08
Vishay Siliconix
Si1054X
New Product
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1.0
TJ =150 °C
VSD - Source-to-Drain Voltage (V)
TJ =25 °C
TJ - Temperature (°C)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
- 50
- 25
0
25
50
75
100
125
150
ID =250 µA
RDS(on) vs. VGS vs. Temperature
Single Pulse Power
0.03
0.06
0.09
0.12
0.15
012345
ID =1.32 A
VGS - Gate-to-Source Voltage (V)
TA =125 °C
TA = 25 °C
0
1
2
3
4
5
0.01
1
10
1000
0.1
Time (s)
100
Safe Operating Area, Junction-to-Ambient
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
10 ms
DC
VDS - Drain-to-Source Voltage (V)
* VGS >minimum VGS at which RDS(on) is specified
BVDSS Limited
100
100 ms
1s
10 s
Limited byRDS(on)*
1ms


Similar Part No. - SI1054X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1050X VISHAY-SI1050X Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1050X VISHAY-SI1050X Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1050X VISHAY-SI1050X Datasheet
124Kb / 8P
   N-Channel 8 V (D-S) MOSFET
Rev. D, 08-Nov-10
logo
Vishay Telefunken
SI1050X TFUNK-SI1050X Datasheet
152Kb / 8P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI1050X VISHAY-SI1050X Datasheet
154Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1054X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com