Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHP203TP120K50SB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VHP203TP120K50SB
Description  Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VHP203TP120K50SB Datasheet(HTML) 2 Page - Vishay Siliconix

  VHP203TP120K50SB Datasheet HTML 1Page - Vishay Siliconix VHP203TP120K50SB Datasheet HTML 2Page - Vishay Siliconix VHP203TP120K50SB Datasheet HTML 3Page - Vishay Siliconix VHP203TP120K50SB Datasheet HTML 4Page - Vishay Siliconix VHP203TP120K50SB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VHP203 (Z-Foil)
Vishay Foil Resistors Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
Resistors with TCR of 0.05 ppm/°C, Tolerance of ± 0.001 % and
Load Life Stability of ± 0.005 %, Unaffected by Humidity
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63146
2
Revision: 06-May-08
Note
• See next page for numbered footnotes
Note
• See next page for numbered footnotes
TABLE 2 - MODEL SELECTION
MODEL
NUMBER
RESISTANCE
RANGE
(
Ω)
MAXIMUM
WORKING
VOLTAGE1)
POWER
RATING
at + 25 °C
AVERAGE
WEIGHT
(g)
CONSTRUCTION
BRIEF
DIMENSIONS
INCHES
mm
VHP203
VHP203J
10 to 66K
66K to 150K
300
0.3 W
0.2 W
1.4
Oil-filled, tinned
copper leads, nickel
shell, kovar and
glass header
W: 0.185 ± 0.020
L: 0.435 ± 0.020
H: 0.375 ± 0.020
LL: 1.000 ± 0.125
LS: 0.150 ± 0.0102)
ST: 0.095 Max.
4.70 ± 0.51
11.05 ± 0.51
10.92 ± 0.51
25.4 ± 3.18
3.81 ± 0.25
2.41 Max.
TABLE 3 - STANDARD RESISTANCE TOLERANCE
TIGHTEST (
Ω)
LOOSEST (%)
1K to 150K
500R to 1K
50R to 500R
30R to 50R
20R to 30R
10R to 20R
± 0.001
± 0.0025
± 0.005
± 0.01
± 0.02
± 0.05
FIGURE 2 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
∆R
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 3 - POWER DERATING CURVE
+ 100
+ 75
+ 50
+ 25
0
- 50
- 25
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175
- 55 °C
Ambient Temperature (°C)
FIGURE 4 - STANDARD IMPRINTING AND DIMENSIONS
LS
Model
Number
VISHAY
XXXX
ST
H
L
Date Code
W
Front View
Rear View
Lead Material
#22 AWG Round
Solder Coated Copper
Resistance
Value Code
Tolerance
Serial No.
100R01
0.01%
XXXX
06
Week
07
Year
LL
VHP203


Similar Part No. - VHP203TP120K50SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
More results

Similar Description - VHP203TP120K50SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
logo
Ohmite Mfg. Co.
HS185ASL1M000T OHMITE-HS185ASL1M000T Datasheet
97Kb / 1P
   Hermetically Sealed Precision Ultra-High Stability Axial Terminals
logo
Vishay Siliconix
FRSM VISHAY-FRSM Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
   Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
Revision: 22-May-07
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com