Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHP100T80K250CB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VHP100T80K250CB
Description  Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VHP100T80K250CB Datasheet(HTML) 3 Page - Vishay Siliconix

  VHP100T80K250CB Datasheet HTML 1Page - Vishay Siliconix VHP100T80K250CB Datasheet HTML 2Page - Vishay Siliconix VHP100T80K250CB Datasheet HTML 3Page - Vishay Siliconix VHP100T80K250CB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63003
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 18-Jun-07
3
VHP100
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil
Technology Resistor with Zero TCR and 0.005 % Tolerance
Vishay Foil Resistors
Note
* For non-standard requests, please contact Application Engineering.
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y007880K2500A9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0078 = VHP100
4078 = VHP101
5078 = VHP102
6078 = VHP103
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = Bulk
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0078 80K2500 A 9 L:
TYPE: VHP100
VALUE: 80.25 k
Ω
ABSOLUTE TOLERANCE: ± 0.05 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk
HISTORICAL PART NUMBER: VHP100T 80K250 A B (will continue to be used)
VHP100
T
80K250
A
B
MODEL
TERMINATION
RESISTANCE VALUE
TOLERANCE
PACKAGING
VHP100
VHP101
VHP102
VHP103
T = Lead (Pb)-free
None = Tin/Lead alloy
80.25 k
Ω
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = Bulk
0788
K
2
5
0
Y0
A9
0
L
0


Similar Part No. - VHP100T80K250CB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VHP-16 MINI-VHP-16 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-19 MINI-VHP-19 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-26 MINI-VHP-26 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
logo
Vishay Siliconix
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
logo
Mini-Circuits
VHP-39 MINI-VHP-39 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
More results

Similar Description - VHP100T80K250CB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
RCKHR02 VISHAY-RCKHR02 Datasheet
104Kb / 4P
   High Precision Bulk Metal® Foil with Tolerance of ± 0.005 % and Qualified to ESA Specification 4001/011
Revision: 17-Nov-08
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VSH VISHAY-VSH Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com