Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1071X-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1071X-T1-E3
Description  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1071X-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1071X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1071X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1071X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1071X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1071X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1071X-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 74321
S-80641-Rev. B, 24-Mar-08
Vishay Siliconix
Si1071X
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 32.07
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
3.02
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.7
- 1.45
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
nA
VDS = - 30 V, VGS = 0 V, TJ = 85 °C
- 10
µA
On-State Drain Currenta
ID(on)
VDS = ≥ 5 V, VGS = - 10 V
- 8
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 0.96 A
0.139
0.167
Ω
VGS = - 4.5 V, ID = - 0.9 A
0.147
0.177
VGS = - 2.5 V, ID = - 0.79 A
0.195
0.244
Forward Transconductance
gfs
VDS = - 15 V, ID = - 0.96 A
4.25
S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
315
pF
Output Capacitance
Coss
60
Reverse Transfer Capacitance
Crss
45
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 4.5 V, ID = - 0.96 A
4.43
6.64
nC
VDS = - 15 V, VGS = - 10 V, ID = - 0.96 A
8.87
13.3
Gate-Source Charge
Qgs
0.83
Gate-Drain Charge
Qgd
1.57
Gate Resistance
Rg
f = 1 MHz
9.8
14.7
Ω
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 19.74 Ω
ID ≅ - 0.76 A, VGEN = - 10 V, Rg = 1 Ω
3.8
5.7
ns
Rise Time
tr
12
18
Turn-Off DelayTime
td(off)
18
27
Fall Time
tf
7
10.5
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 20.27 Ω
ID ≅ - 0.74 A, VGEN = - 4.5 V, Rg = 1 Ω
13
20
Rise Time
tr
25
38
Turn-Off DelayTime
td(off)
36
54
Fall Time
tf
14
21
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
8A
Body Diode Voltage
VSD
IS = - 0.63 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 0.7 A, di/dt = 100 A/µs
12.7
19.05
nC
Body Diode Reverse Recovery
Charge
Qrr
5.7
8.6
ns
Reverse Recovery Fall Time
ta
8.9
Reverse Recovery Rise Time
tb
3.8


Similar Part No. - SI1071X-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1071X VISHAY-SI1071X Datasheet
103Kb / 4P
   P-Channel 30 V (D-S) MOSFET
Rev. A, 31-Aug-09
SI1071X VISHAY-SI1071X_09 Datasheet
103Kb / 4P
   P-Channel 30 V (D-S) MOSFET
Rev. A, 31-Aug-09
More results

Similar Description - SI1071X-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com