Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPR247T500R00DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VPR247T500R00DB
Description  Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR247T500R00DB Datasheet(HTML) 2 Page - Vishay Siliconix

  VPR247T500R00DB Datasheet HTML 1Page - Vishay Siliconix VPR247T500R00DB Datasheet HTML 2Page - Vishay Siliconix VPR247T500R00DB Datasheet HTML 3Page - Vishay Siliconix VPR247T500R00DB Datasheet HTML 4Page - Vishay Siliconix VPR247T500R00DB Datasheet HTML 5Page - Vishay Siliconix VPR247T500R00DB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VHP-3, VHP-4, VPR247
Vishay Foil Resistors
Bulk Metal® Foil Technology
Hermetically Sealed Power and Current Sensing Resistor
with TCR of 2 ppm/°C and Power up to 10 Watts
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63005
2
Revision: 31-Oct-07
Kelvin (4-terminal) connections are used for these low ohmic value products to measure a precise voltage drop across the
resistive element. In these applications the contact resistance, lead resistance, and their TCR effect may be greater than that of
the element itself and could cause significant errors if the standard 2-terminal connection is used. Figure 2 shows a high
impedance measurement system where r5 approaches infinity and Im approaches zero resulting in negligible IR drop through r3
and r4 which negates their lead resistance and TCR effect. With the voltage sense leads E1 and E2 inside of r1 and r2 the
resistance and TCR effect of the current leads, I1 and I2 are negated and only the resistance and TCR of the element R are
sensed. This method of measurement is essential for precise current sensing.
TABLE 3 - GENERAL SPECIFICATIONS
Stability
Load life 2000 h
± 0.05 % maximum
ΔR, 3 W in still air at + 25 °C
± 0.05 % maximum
ΔR under full rated power
(10 W at + 25 °C on heat sink)
Shelf life
± 0.0005 % (5 ppm) maximum
ΔR/year
Power Rating
At + 25 °C (see Fig. 1)
10 W or 3 A - heat sink2)
3 W or 3 A - free air
Current Noise
< 0.010 µV (RMS)/V of applied voltage
(- 40 dB)
High Frequency Operation
Rise time
1.0 ns at 1 k
Ω without ringing
Inductance (L)3)
0.1 µH maximum; 0.08 µH typical
Capacitance (C)
1.0 pF maximum; 0.5 pF typical
Voltage Coefficient
< 0.1 ppm/V
Operating Temperature Range
- 55 °C to + 150 °C
Hermeticity
10-7 Atmospheric cc/s maximum
Maximum Working Voltage7)
600 V
Thermal EMF8)
0.1 µV/°C maximum (lead effect)
2.5 µV/W maximum (power effect)
FIGURE 1 - POWER DERATING CURVE
+ 100
+ 75
+ 50
+ 25
0
Ambient Temperature (°C)
- 55 °C
Rated Power
- 75 - 50 - 25
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175
FIGURE 2 - KELVIN CONNECTION
r1
r2
I1
I2
r3
r4
R
Im
r5
0
FIGURE 3 - VHP-3, VHP-4 STANDARD IMPRINTING AND DIMENSIONS in inches (millimeters)
Case not active; insulators not required; mounting hardware not supplied.
Mounting
Hole
0.156 dia (3.9)
± 0.005 (± 0.13)
TO-3 Cap
TO-3 Base
0.040 (1.00) Dia.
± 0.005 (± 0.13)
0.43 (10.92)
± 0.01 (± 0.25)
1.00 (25.4)
± 0.005 (± 0.13)
0.770 (19.56)
Max. Dia.
Mounting
Hole
0.222
(5.64)
E1
E2
I1
I2
0.156 Dia. (3.9)
± 0.005 (± 0.13)
VHP-3
VHP-4 (4 terminal)
Standard Marking
Arrangement
E1
E2
I1
I2
Model Number
VISHAY
VHP-3T
12K500
0.1 %
B0729
Date Code
B
Year
07
Week
29
Resistance
Value
Tolerance
Print Spec


Similar Part No. - VPR247T500R00DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR247Z VISHAY-VPR247Z Datasheet
222Kb / 5P
   Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
Revision: 02-Mar-05
More results

Similar Description - VPR247T500R00DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
   Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
Revision: 05-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
   Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Revision: 26-Jun-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com