Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHP102T80K250CB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VHP102T80K250CB
Description  Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VHP102T80K250CB Datasheet(HTML) 1 Page - Vishay Siliconix

  VHP102T80K250CB Datasheet HTML 1Page - Vishay Siliconix VHP102T80K250CB Datasheet HTML 2Page - Vishay Siliconix VHP102T80K250CB Datasheet HTML 3Page - Vishay Siliconix VHP102T80K250CB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VHP100
Vishay Foil Resistors
Document Number: 63003
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 18-Jun-07
1
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil
Technology Resistor with Zero TCR and 0.005 % Tolerance
Any value available within resistance range
Vishay has achieved an essentially zero temperature
coefficient resistor in the VHP100 family. This oil filled
hermetically sealed device makes unique use of foil on
ceramic in such a way that self cancelling responses to
temperature are produced by combining equal and opposite
effects. This product is sold only in hermetic packages
because applications requiring this level of temperature
stability require humidity stability as well.
The value of the hermetic enclosure over the molded part is
in the long term performance. The hermetic sealing prevents
the ingress of moisture and oxygen, while the oil acts as a
thermal conductor.
WINDOW DEFINITION
The TCR of the VHP100 is so small that an additional
definition - window, has been introduced. The window
definition requires that the absolute resistance remain within
the stated window over the temperature range specified. The
resistance of the VHP100 resistor stays within a 60 ppm
window over the entire military temperature range of - 55 °C
to + 125 °C (Figures 1 and 3).
A window of 10 ppm is available for the laboratory instrument
range (+ 15 °C to + 45 °C); see Figure 4 - type VHP101.
TRACKING
Tracking of the VHP100 resistor is also vastly superior to
conventional
precision
resistors.
Typical
± 5 ppm/°C
precision resistors have a worst-case tracking of 10 ppm/°C
(wirewounds) or a difference between resistors of 1000 ppm
(10 ppm/°C x 100 °C) when temperature changes from
+ 25 °C to + 125 °C. For a 3 ppm/°C tracking (Vishay S102C)
the difference will be 300 ppm (3 ppm/°C x 100 °C) for the
same temperature range. The VHP100 resistors will track to
60 ppm from - 55 °C to + 125 °C, a five-fold improvement
over the S102C resistor.
FEATURES
• Essentially Zero TCR: almost zero resistance/
temperature effect
• Absolute Resistance Change (window):
VHP100 < 60 ppm (- 55 °C to + 125 °C)
VHP101 < 10 ppm (+ 15 °C to + 45 °C)
• Tolerance: to ± 0.005 %
• No Humidity Effect: Hermetically Sealed1) against Moisture
• Load Life Stability2): ± 20 ppm typical for 2000 hours, 70 °C
at 0.3 Watts
• Shelf Life Stability: ± 2 ppm after at least 10 years
• Resistance Range: 100 Ω to 150 kΩ (other values
available on request)
• Electrostatic Discharge (ESD) above 25 000 Volts
• Non Inductive, Non Capacitive Design
• Current Noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C
• Voltage Coefficient: < 0.1 ppm/V
• Inductance: < 0.08 µH
• Non Hot Spot Design
• Hermeticity: 10-7 atmospheric cc/seconds max
• Terminal Finishes available: Lead (Pb)-free
Tin/Lead Alloy
Notes
1. Oil filled as standard. Air filled available upon request.
2. Load-life stability can be considerably improved through in-house
oriented tests.
* Pb containing terminations are not RoHS compliant, exemptions may apply
FIGURE 1 - A TYPICAL VHP100 RESISTANCE
TEMPERATURE CURVE
FIGURE 2 - POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
60 ppm
Window
- 55
- 25
0
+ 25
+ 50
+ 75
+ 100 + 125
Temperature (°C)
+ 100 %
+ 75 %
+ 50 %
+ 25 %
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (
°C)
- 55
°C
+ 70
°C Rated Power
+ 200


Similar Part No. - VHP102T80K250CB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VHP-16 MINI-VHP-16 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-19 MINI-VHP-19 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-26 MINI-VHP-26 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
logo
Vishay Siliconix
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
logo
Mini-Circuits
VHP-39 MINI-VHP-39 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
More results

Similar Description - VHP102T80K250CB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
RCKHR02 VISHAY-RCKHR02 Datasheet
104Kb / 4P
   High Precision Bulk Metal® Foil with Tolerance of ± 0.005 % and Qualified to ESA Specification 4001/011
Revision: 17-Nov-08
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VSH VISHAY-VSH Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com