Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1406DH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1406DH
Description  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1406DH Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1406DH Datasheet HTML 1Page - Vishay Siliconix SI1406DH Datasheet HTML 2Page - Vishay Siliconix SI1406DH Datasheet HTML 3Page - Vishay Siliconix SI1406DH Datasheet HTML 4Page - Vishay Siliconix SI1406DH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS
D 1.8-V Rated
D Thermally Enhanced SC-70
Package
APPLICATIONS
D Load Switching
D PA Switch
D Level Switch
Pb-free
Available
Si1406DH
Vishay Siliconix
Document Number: 70684
S-50366—Rev. B, 28-Feb-05
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.065 @ VGS = 4.5 V
3.9
20
0.075 @ VGS = 2.5 V
3.6
0.096 @ VGS = 1.8 V
3.2
Marking Code
AB XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
Ordering Information: Si1406DH-T1
Si1406DH-T1—E3 (Lead (Pb)-Free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
3.9
3.1
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
2.8
2.2
A
Pulsed Drain Current
IDM
10
A
Continuous Diode Current (Diode Conduction)a
IS
1.4
0.9
Maximum Power Dissipationa
TA = 25_C
PD
1.56
1.0
W
Maximum Power Dissipationa
TA = 85_C
PD
0.81
0.52
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
60
80
Maximum Junction-to-Ambienta
Steady State
RthJA
100
125
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
45
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI1406DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1406DH VISHAY-SI1406DH Datasheet
47Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 13-Aug-01
SI1406DH VISHAY-SI1406DH Datasheet
231Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. C, 19-Apr-10
SI1406DH VISHAY-SI1406DH_10 Datasheet
231Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. C, 19-Apr-10
More results

Similar Description - SI1406DH

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com