Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

769D107X0025B2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 769D107X0025B2
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D107X0025B2 Datasheet(HTML) 5 Page - Vishay Siliconix

  769D107X0025B2 Datasheet HTML 1Page - Vishay Siliconix 769D107X0025B2 Datasheet HTML 2Page - Vishay Siliconix 769D107X0025B2 Datasheet HTML 3Page - Vishay Siliconix 769D107X0025B2 Datasheet HTML 4Page - Vishay Siliconix 769D107X0025B2 Datasheet HTML 5Page - Vishay Siliconix 769D107X0025B2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 40055
For technical questions, contact: eurowettant@vishay.com
www.vishay.com
Revision: 03-Jul-07
33
769D (CECC 30202-013)
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,
TANTALEX® Capacitors, CECC 30202-013 Approved
Vishay
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DF
at
+ 25 °C
(%)
MAX. IMP.
at
- 55 °C
(
Ω)
MAX. DCL
(µA) at
MAX. CAPACITANCE.
CHANGE (%) at
MAX.
RMS
RIPPLE
120 Hz
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
75 VDC at + 85 °C, 50 VDC at + 125 °C
6.8
A
769D685X0075A2
4
300
1
2
- 20
+ 9
+ 9
60
8.2
A
769D825X0075A2
12
200
1.5
7
- 16
+ 12
+ 12
60
12
A
769D126X0075A2
12
155
2
9
- 16
+ 12
+ 12
70
15
A
769D156X0075A2
12
130
3
12
- 16
+ 12
+ 12
70
15
B
769D156X0075B2
6
135
1
5
- 16
+ 9
+ 9
250
18
A
769D186X0075A2
12
100
3
12
- 16
+ 12
+ 12
70
22
A
769D226X0075A2
12
80
3
12
- 16
+ 12
+ 12
70
33
B
769D336X0075B2
15
90
1
10
- 24
+ 15
+ 15
250
40
C
769D406X0075C2
13
60
2
12
- 16
+ 12
+ 12
500
47
B
769D476X0075B2
20
75
3.5
20
- 25
+ 15
+ 15
260
56
B
769D566X0075B2
20
70
2
16
- 25
+ 15
+ 15
260
56
C
769D566X0075C2
22
60
2
17
- 28
+ 15
+ 15
500
68
B
769D686X0075B2
12
42
4
24
- 25
+ 15
+ 15
280
82
B
769D826X0075B2
12
30
4
24
- 25
+ 15
+ 15
280
100
C
769D107X0075C2
18
33
8
32
- 30
+ 20
+ 20
500
110
C
769D117X0075C2
18
33
8
32
- 30
+ 20
+ 20
500
110
D
769D117X0075D2
15
29
5
36
- 35
+ 20
+ 20
750
120
C
769D127X0075C2
18
28
6
26
- 30
+ 20
+ 20
500
150
C
769D157X0075C2
18
24
7
28
- 30
+ 20
+ 20
500
180
C
769D187X0075C2
18
17
8
32
- 30
+ 20
+ 20
510
220
D
769D227X0075D2
16
24
9
36
- 40
+ 20
+ 20
750
240
D
769D247X0075D2
17
24
9
36
- 40
+ 20
+ 20
750
270
D
769D277X0075D2
18
22
10
40
- 30
+ 20
+ 20
750
100 VDC at + 85 °C, 70 VDC at + 125 °C
4.7
A
769D475X0100A2
3
500
1
2
- 16
+ 6
+ 6
60
10
A
769D106X0100A2
12
200
3
12
- 16
+ 12
+ 12
60
11
B
769D116X0100B2
4
200
1
4
- 16
+ 6
+ 6
250
22
B
769D226X0100B2
10
100
1
9
- 16
+ 6
+ 6
250
30
C
769D306X0100C2
8
85
2
12
- 16
+ 8
+ 8
500
39
B
769D396X0100B2
20
80
5
24
- 25
+ 15
+ 15
250
43
C
769D436X0100C2
16
70
2
17
- 20
+ 8
+ 8
500
68
C
769D686X0100C2
18
40
10
40
- 30
+ 20
+ 20
500
86
D
769D866X0100D2
15
30
5
35
- 25
+ 20
+ 20
750
120
D
769D127X0100D2
25
36
12
48
- 40
+ 20
+ 20
750
125 VDC at + 85 °C, 85 VDC at + 125 °C
3.6
A
769D365X0125A2
4
615
1
2
- 16
+ 8
+ 8
50
6.8
A
769D685X0125A2
12
300
3
12
- 16
+ 12
+ 12
50
9
A
769D905X0125A2
12
240
4
15
- 16
+ 12
+ 12
50
9
B
769D905X0125B2
9
220
1
5
- 16
+ 6
+ 6
250
14
B
769D146X0125B2
10
160
1
7
- 16
+ 7
+ 7
250
25
C
769D256X0125C2
16
120
2
13
- 16
+ 10
+ 10
500
27
B
769D276X0125B2
20
90
5
24
- 25
+ 15
+ 15
250
47
C
769D476X0125C2
18
50
10
40
- 30
+ 20
+ 20
500
80
D
769D806X0125D2
20
34
9
50
- 20
+ 20
+ 20
750
82
D
769D826X0125D2
25
40
12
48
- 40
+ 20
+ 20
750


Similar Part No. - 769D107X0025B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A0 VISHAY-769D306X0006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A2 VISHAY-769D306X0006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A0 VISHAY-769D306X5006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A2 VISHAY-769D306X5006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
More results

Similar Description - 769D107X0025B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com